Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1500 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETA1500
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETA1500 Datasheet HTML 2Page - Texas Instruments TNETA1500 Datasheet HTML 3Page - Texas Instruments TNETA1500 Datasheet HTML 4Page - Texas Instruments TNETA1500 Datasheet HTML 5Page - Texas Instruments TNETA1500 Datasheet HTML 6Page - Texas Instruments TNETA1500 Datasheet HTML 7Page - Texas Instruments TNETA1500 Datasheet HTML 8Page - Texas Instruments TNETA1500 Datasheet HTML 9Page - Texas Instruments TNETA1500 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TNETA1500
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS021D – MARCH 1994 – REVISED JANUARY 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmit operation (continued)
Before transmission, the STS-3c frame is scrambled using a generating polynomial of x7 + x6 + 1. The A1, A2,
and C1 overhead bytes are not scrambled, and the scrambler is reset to 1111111 on the most-significant bit of
the byte immediately following the third C1 byte. The scrambler runs continuously throughout the complete
STS-3c frame.
After the STS-3c frame has been scrambled, the bytes are converted to a serial-data stream using a
parallel-to-serial converter. An APLL is used to generate the 155.52-MHz output clock from a 19.44-MHz
oscillator connected to TXREFCK. Two other sources can be used for the 155.52-MHz clock. CKGENBP and
CLKLOOP are used to select either a 155.52-MHz external clock source or the clock recovered from the
incoming serial-data stream APLL (loop timing). The functions for selecting the transmit-clock source are shown
in Table 2. The clock-generation APLL requires that an external 0.1-
µF capacitor be connected from CGCAP
to ground.
Table 2. Functions for CKGENBP and CLKLOOP
CKGENBP
CLKLOOP
CLOCK SOURCE
L
L
TXREFCK (19.44 MHz)
L
H
Receive recovered clock (loop timing)
H
H or L
TXHCKT, TXHCKC (155.52 MHz)
Both true and complementary pseudo-ECL-compatible serial data and clock outputs are available. The serial
data is output on the rising edge of the true clock signal (falling edge of the complement clock). The outputs are
designed to drive a 50-
Ω line terminated through a 50-Ω resistor to 3 V (or its equivalent).
A terminal-loopback feature is also provided on the device. When the terminal-loopback input is high, the ATM
cells received on the transmit input are looped back to the receive output. The ATM cells received are blocked.
The transmit operation is not affected in this mode and operates as previously described.
receive operation
The receive serial inputs to the TNETA1500 consist of 155.52-Mbit/s true and complementary PECL data and
an optional 155.52-MHz true and complementary pseudo-ECL clock. The 155.52-MHz clock inputs are needed
only if the clock-recovery-bypass input (CKRECBP) is high, which disables the clock-recovery circuit. This
feature is used typically for test purposes and normally is not used in a system application.
The clock-recovery circuit is used to recover the embedded clock signal from the serial nonreturn-to-zero (NRZ)
data inputs RSDT and RSDC. The clock-recovery circuit consists of a transition detector, an APLL, and a
retiming circuit. The transition detector is used to double the frequency of the incoming serial-data stream. This
is necessary because the NRZ-data stream does not contain a second harmonic, which is necessary to recover
the transmit clock. The APLL consists of a phase-frequency detector, a charge pump/loop filter, and an internal
voltage-controlled oscillator (VCO). The phase-frequency detector compares the output of the transition
detector to the output of the VCO and generates a signal to the charge pump/loop filter that is used to change
the frequency of the VCO. The frequency of the VCO is adjusted until it matches the frequency of the transition
detector. When this occurs, the APLL is locked to the frequency of the embedded clock signal.
The clock-recovery circuit also contains a circuit that retimes the input serial data to the recovered output clock.
The only external component required for the clock-recovery circuit is a 0.1-
µF capacitor that is connected from
CRCAP to ground. This capacitor is part of the charge-pump/loop-filter circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com