Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1500 Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETA1500
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETA1500 Datasheet HTML 2Page - Texas Instruments TNETA1500 Datasheet HTML 3Page - Texas Instruments TNETA1500 Datasheet HTML 4Page - Texas Instruments TNETA1500 Datasheet HTML 5Page - Texas Instruments TNETA1500 Datasheet HTML 6Page - Texas Instruments TNETA1500 Datasheet HTML 7Page - Texas Instruments TNETA1500 Datasheet HTML 8Page - Texas Instruments TNETA1500 Datasheet HTML 9Page - Texas Instruments TNETA1500 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TNETA1500
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS021D – MARCH 1994 – REVISED JANUARY 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receive operation (continued)
After descrambling, the ATM cell is passed to the output buffer, which operates as a FIFO. The receive-cell
interface consists of the output data (RD0–RD7), receive-clock input (RCKI), receive-read-enable input (RRE),
receive-FIFO-empty output (RXFE), beginning-of-ATM-cell indicator (RXCELL), and loss-of-receive-data
alarm (LOSRD). Data is sent out from the device on the rising edge of RCKI when RRE is low. The LOSRD alarm
goes active when the output FIFO overflows. In this case, the last cell placed into the FIFO is overwritten. The
output FIFO holds three complete ATM cells.
Cumulative counts of receive B1, B2, and B3 errors are provided by registers accessible through the controller
interface. These registers maintain running totals of B1, B2, and B3 block errors and coding violations. The
block-error counters maintain a count of the number of frames that are received with B1, B2, and B3 errors. The
coding-violation counters count the exact number of B1, B2, and B3 bit-interleaved parity (BIP) errors that occur.
It is possible for a single frame to contain 8 B1, 24 B2, and 8 B3 BIP errors. When any of the block-error or
coding-violation counters reach maximum count, a bit is set in the interrupt registers and an interrupt is
generated. These counters are rollover counters that roll over to zero after the maximum count occurs and an
interrupt is generated (see the controller-interface operation section for additional information).
When the receive side enters an LOCA state, a path RDI may need to be sent out the transmit side through the
outgoing G1 byte. A path-RDI alarm is declared when an LOCA state is persistent for an amount of time (also
known as soak time) that has not yet been specified by any industry standards. To provide maximum flexibility
with regard to this unspecified soak time, an 8-bit counter is provided through the controller interface that allows
the user to program the amount of soak time for a path-RDI alarm in increments of 125
µs. This counter is preset
(when a device reset occurs) to a value of 4 ms, which is the anticipated soak time for a path-RDI alarm.
controller-interface operation
The controller interface provides access to the internal memory locations that contain the control registers,
interrupt registers, interrupt-mask registers, and the ID register. Table 3 shows a memory map of the locations
of the various registers in the TNETA1500.
Table 3. TNETA1500 Register-Memory Map
ADDRESS
(HEX VALUE)
REGISTER
ADDRESS
(HEX VALUE)
REGISTER
00
Interrupt register 1
0D
B1 block-error counter
01
Interrupt register 2
0E
Not implemented
02
Interrupt register 3
0F
B2 block-error counter
03
ID register
10
Not implemented
04
Not implemented
11
B3 block-error counter
05
Control register 1
12
B1 coding-violation counter (LSB)
06
Control register 2
13
B1 coding-violation counter (MSB)
07
Interrupt-mask register 1
14
B2 coding-violation counter (LSB)
08
Interrupt-mask register 2
15
B2 coding-violation counter
09
Interrupt-mask register 3
16
B2 coding-violation counter (MSB)
0A
Multierrored cell counter
17
B3 coding-violation counter (LSB)
0B
Path-RDI soak counter
18
B3 coding-violation counter (MSB)
0C
Not implemented
>18
Not implemented



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com