Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1500 Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETA1500
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETA1500 Datasheet HTML 2Page - Texas Instruments TNETA1500 Datasheet HTML 3Page - Texas Instruments TNETA1500 Datasheet HTML 4Page - Texas Instruments TNETA1500 Datasheet HTML 5Page - Texas Instruments TNETA1500 Datasheet HTML 6Page - Texas Instruments TNETA1500 Datasheet HTML 7Page - Texas Instruments TNETA1500 Datasheet HTML 8Page - Texas Instruments TNETA1500 Datasheet HTML 9Page - Texas Instruments TNETA1500 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TNETA1500
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS021D – MARCH 1994 – REVISED JANUARY 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receive operation (continued)
The clock signal recovered from the incoming serial-data stream also can be used as the transmit clock for the
transmit section. This is known as clock looping. The advantage of using the recovered receive clock as the
transmit clock is that the transmit clock is frequency locked to the same clock source that is used to generate
the incoming data stream. If this clock source provides a highly accurate low-PPM (low parts per million) clock,
the transmit clock also is a very accurate clock. The drawback to using clock looping is that if the receive signal
is lost for any reason, the transmit clock also is lost.
A facility-loopback (FLB) input loops the input data and recovered clock to the transmit output data and clock.
This provides a method of testing the function of the clock-recovery circuit and its jitter performance. It also can
be used for system-loopback testing.
The PECL inputs FLAGT and FLAGC are provided for interfacing to the loss-of-optical-signal outputs on optical
receivers. If the optical signal is lost, the loss-of-optical-carrier bit in the interrupt register is set and the interrupt
output (INTR) becomes active low.
The recovered clock signal and retimed input data are passed from the clock-recovery circuit to the framing
circuit. The framing circuit searches for the SONET framing bytes A1 and A2 where A1 has a set value of F6h
and A2 has a value of 28h. The exact framing pattern for an STS-3c frame is A1A1A1A2A2A2
(F6F6F6282828h). These bytes are not scrambled by the transmitter.
The TNETA1500 provides loss-of-signal (LOS), out-of-frame (OOF), and loss-of-frame (LOF) alarms in
accordance with BellCore specification TR-NWT-000253, Issue 2, December 1991. The LOS alarm goes active
when no transitions are detected on the receive serial data for 3.3
µs. The LOS alarm goes inactive when two
consecutive framing patterns have been detected, and during the intervening time (one frame time), no
transitionless 3.3-
µs period is detected. The OOF alarm goes active when four consecutive-errored framing
patterns are received. The OOF alarm clears when two successive error-free framing patterns are received.
If the OOF condition fails to clear within 3 ms, the LOF alarm goes active. The LOF alarm goes inactive when
eight consecutive error-free SONET frames are identified. The LOS, OOF, and LOF alarms are indicated by
external signals and by setting a bit in the interrupt registers. This causes INTR of the controller interface to go
active low, signaling an interrupt.
After the SONET frame is established and the serial data converted to byte-wide data, the B1 BIP-8 parity is
calculated over the scrambled SONET frame. This value is compared with the value of B1 contained in the next
(n + 1) frame. The value of B1 calculated over the previous frame (n – 1) is compared to the value B1 in this
frame (frame n). If the two values do not match, B1ERR goes active, denoting that a B1 parity error has occurred.
In addition, the B1 parity-error bit in the interrupt register is set and INTR goes active low.
Next, the SONET frame is unscrambled (except for the A1, A2, and C1 bytes, which were not scrambled by the
transmitter). The B2 BIP-24 value is calculated over all the bits of the line overhead and the STS-3c envelope
capacity and compared to the value contained in the next frame. If a B2 parity error occurs, the B2 parity-error
bit in the interrupt register is set and INTR goes active low to notify the controller that a parity error has occurred.
The TNETA1500 monitors the receive K2 byte for line alarm-indication signal (LAIS) and line far-end receive
failure (LFERF) alarms. An LAIS alarm occurs when bits 6–8 of the receive K2 byte are set to a value of 111
for five consecutive frames. The LAIS alarm goes inactive when bits 6–8 of the receive K2 byte are set to any
value other than 111 for five consecutive frames. The LFERF alarm goes active when bits 6–8 of the receive
K2 byte are set to a value of 110 for five consecutive frames. The LFERF alarm goes inactive when bits 6–8
of the receive K2 byte are set to any value other than 110 for five consecutive frames. Both the LAIS and LFERF
alarms are indicated on an external terminal and by setting a bit in interrupt register 2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com