Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1200PPB Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETEL1200PPB
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200PPB Datasheet(HTML) 5 Page - Texas Instruments

  TNETEL1200PPB Datasheet HTML 1Page - Texas Instruments TNETEL1200PPB Datasheet HTML 2Page - Texas Instruments TNETEL1200PPB Datasheet HTML 3Page - Texas Instruments TNETEL1200PPB Datasheet HTML 4Page - Texas Instruments TNETEL1200PPB Datasheet HTML 5Page - Texas Instruments TNETEL1200PPB Datasheet HTML 6Page - Texas Instruments TNETEL1200PPB Datasheet HTML 7Page - Texas Instruments TNETEL1200PPB Datasheet HTML 8Page - Texas Instruments TNETEL1200PPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
microprocessor
TERMINAL
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
UPADDR_7
UPADDR_6
UPADDR_5
UPADDR_4
UPADDR_3
UPADDR_2
UPADDR_1
UPADDR_0
30
31
32
33
35
36
37
38
I
Bits 7–0 of the microprocessor address bus; used to address the register file.
UPCSN
27
I
Microprocessor chip-select line (active low). UPCSN is used to initiate an access to the register file.
UPDAT_15
UPDAT_14
UPDAT_13
UPDAT_12
UPDAT_11
UPDAT_10
UPDAT_9
UPDAT_8
UPDAT_7
UPDAT_6
UPDAT_5
UPDAT_4
UPDAT_3
UPDAT_2
UPDAT_1
UPDAT_0
2
3
5
6
8
9
11
12
14
15
17
18
20
21
23
24
I/O
Bits 15–0 of the microprocessor data bus; used to communicate with the register file.
UPOEN
28
I
Microprocessor output-enable line (active low). UPOEN enables the output onto the data bus.
UPRWN
26
I
Microprocessor read/write line. UPRWN is used to differentiate between reads and writes to the register file.
† I = input, O = output
system
TERMINAL
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
RESET
45
I
System reset. If RESET is set low, it sets all flip-flops to initial state.
XTAL
42
I
System clock. Frequency is 80 MHz, 50% duty cycle.
† I = input, O = output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com