Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1200PPB Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETEL1200PPB
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200PPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETEL1200PPB Datasheet HTML 8Page - Texas Instruments TNETEL1200PPB Datasheet HTML 9Page - Texas Instruments TNETEL1200PPB Datasheet HTML 10Page - Texas Instruments TNETEL1200PPB Datasheet HTML 11Page - Texas Instruments TNETEL1200PPB Datasheet HTML 12Page - Texas Instruments TNETEL1200PPB Datasheet HTML 13Page - Texas Instruments TNETEL1200PPB Datasheet HTML 14Page - Texas Instruments TNETEL1200PPB Datasheet HTML 15Page - Texas Instruments TNETEL1200PPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 2. Operating Conditions (I/O Terminals) (Continued)
DESIGN FOR TEST
TERMINAL
NAME
I/O†
HYSTERESIS
5-V
TOLERANT
3.6-V
FAILSAFE
TDI
I
Y
N
N
TDO
O
N
TCLK
I
Y
N
N
TMS
I
Y
N
N
† I = input, O = output
Table 3. Power Consumption (VCC = 3.3 V, TA = 25°C, RL = 500 Ω)‡
SYMBOL
DESCRIPTION
POWER
(W)§
Ptotal
Total power
1.7
‡ All I/Os have a resistive load of 75
Ω, and
the source and sink current is set to 0 mA.
§ DFT circuitry is inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com