Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1200PPB Datasheet(PDF) 13 Page - Texas Instruments

Part # TNETEL1200PPB
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200PPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETEL1200PPB Datasheet HTML 9Page - Texas Instruments TNETEL1200PPB Datasheet HTML 10Page - Texas Instruments TNETEL1200PPB Datasheet HTML 11Page - Texas Instruments TNETEL1200PPB Datasheet HTML 12Page - Texas Instruments TNETEL1200PPB Datasheet HTML 13Page - Texas Instruments TNETEL1200PPB Datasheet HTML 14Page - Texas Instruments TNETEL1200PPB Datasheet HTML 15Page - Texas Instruments TNETEL1200PPB Datasheet HTML 16Page - Texas Instruments TNETEL1200PPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Core supply-voltage range, VCC
–0.5 V to 4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input-voltage range, VI: Standard TTL/LVCMOS
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.6-V fail-safe TTL/LVCMOS
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5-V tolerant TTL/LVCMOS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output-voltage range, VO: Standard TTL/LVCMOS
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.6-V fail-safe TTL/LVCMOS
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5-V tolerant TTL/LVCMOS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current for TTL/LVCMOS (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current (VO < 0 or VO > VCC) (see Note 2)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge (100 pF, 1.5 k
Ω)
4.0 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Latchup immunity
>250 mA at 25
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Applies to external input and bidirectional buffers (for 5-V tolerant, used VI >)
2. Applies to external output and bidirectional buffers (for 5-V tolerant, used VO >)
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VI
Input voltage
TTL/LVCMOS
0
VCC
V
VI
Input voltage
5-V tolerant TTL/LVCMOS
V
VO
Output voltage
TTL/LVCMOS
0
VCC
V
VO
Output voltage
5-V tolerant TTL/LVCMOS
V
VIH
High level input voltage
TTL/LVCMOS
2
VCC
V
VIH
High-level input voltage
5-V tolerant TTL/LVCMOS
V
VIL
Low level input voltage
TTL/LVCMOS
0
0.8
V
VIL
Low-level input voltage
5-V tolerant TTL/LVCMOS
0.8
V
tr
Input transition (tr and tf) time (10% to 90%)
6
ns
TA‡
Ambient temperature
–40
85
°C
TJ
Junction temperature (commercial specification)
–40
125
°C
‡ TA is measured at the surface of the package. No airflow or heatsink is assumed. The maximum ambient temperature is calculated considering
PMAX, R
θJA, and TJ.
electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = rated
VCC–0.6
V
VOL
High-level output voltage
IOL = rated
0.5
V
Vhys
Hysteresis (VT+ – VT–)
0.4
V
IIL
Low level input current (Vi =VIL min)
3.6-V failsafe
±1
µA
IIL
Low-level input current (Vin = VIL min)
5-V tolerant
±20
µA
IIH
High level input current (Vi =VIH max)
3.6-V failsafe
±1
µA
IIH
High-level input current (Vin = VIH max)
5-V tolerant
±20
µA
IIZ§
3-state output high-impedance current
±20
µA
§ 3-state or open-drain output must be in high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com