Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETEL1200PPB Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETEL1200PPB
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200PPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETEL1200PPB Datasheet HTML 4Page - Texas Instruments TNETEL1200PPB Datasheet HTML 5Page - Texas Instruments TNETEL1200PPB Datasheet HTML 6Page - Texas Instruments TNETEL1200PPB Datasheet HTML 7Page - Texas Instruments TNETEL1200PPB Datasheet HTML 8Page - Texas Instruments TNETEL1200PPB Datasheet HTML 9Page - Texas Instruments TNETEL1200PPB Datasheet HTML 10Page - Texas Instruments TNETEL1200PPB Datasheet HTML 11Page - Texas Instruments TNETEL1200PPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
analog loop control
TERMINAL
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
OPEN
105
O
Open. Control signal to open and close link between line driver and line load.
PREAMPEN
120
O
Preamplifier enable. PREAMPEN enables the preamplifier.
RXFSEL_3
RXFSEL_2
RXFSEL_1
RXFSEL_0
113
114
115
116
O
Receiver filter. Bits 3–0 enable the receiver filter sections.
RXGAIN_4
RXGAIN_3
RXGAIN_2
RXGAIN_1
RXGAIN_0
107
108
109
110
111
O
Receiver gain. Bits 4–0 enable the receiver gain sections (1, 2, 4, 8, 16 dB).
RXHIGAIN
118
O
Receiver high gain. RXHIGAIN controls a preamplifier in the receiver.
RXLOGAIN
119
O
Receiver low gain. RXHIGAIN controls a preamplifier in the receiver.
TERMEN
121
O
Termination enable. TERMEN enables the line termination.
TXEN
122
O
Transmitter enable. TXEN enables the output transmitter sections.
TXFSEL_3
TXFSEL_2
TXFSEL_1
TXFSEL_0
129
130
131
132
O
Transmitter filter. Bits 3–0 enable the transmitter filter sections.
TXGAIN_3
TXGAIN_2
TXGAIN_1
TXGAIN_0
124
125
126
127
O
Transmitter gain. Bits 3–0 enable transmitter gain sections.
† I = input, O = output
debug
TERMINAL
I/O†
DESCRIPTION
NAME
NO.
I/O†
DESCRIPTION
ENGDET
200
O
Energy detect
I_7
I_6
I_5
I_4
I_3
I_2
I_1
I_0
171
172
173
174
176
177
178
179
O
Bits 7–0 of the I component of the demodulated signal (test only)
IQSTB
181
O
IQSTB is used to clock out the I and Q data (test only).
Q_7
Q_6
Q_5
Q_4
Q_3
Q_2
Q_1
Q_0
183
184
185
186
188
189
190
191
O
Bits 7–0 of the Q component of the demodulated signal (test only)
† I = input, O = output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com