Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RI-RFM-008B-30 Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-RFM-008B-30
Description  SERIES 2000 HIGH PERFORMANCE REMOTE ANTENNA RFM AND TUNING MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RI-RFM-008B-30 Datasheet(HTML) 1 Page - Texas Instruments

  RI-RFM-008B-30 Datasheet HTML 1Page - Texas Instruments RI-RFM-008B-30 Datasheet HTML 2Page - Texas Instruments RI-RFM-008B-30 Datasheet HTML 3Page - Texas Instruments RI-RFM-008B-30 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
RI-RFM-008B, RI-ACC-008B
SCBS850 – MARCH 2001
SERIES 2000 HIGH PERFORMANCE REMOTE ANTENNA RFM AND TUNING MODULE
• Access Control
• Best in Class Performance Through Patented
HDX Technology
• Vehicle Identification
• Container Tracking
• High Power Output
• Asset Management
• Extended Antenna Induction Range
• Waste Management
• Reader Antenna Distance Up to 120 Meters
• Proven In Harsh Industrial Environments
• Easy To Install And Use
The Texas Instruments’ low-frequency (LF) reader provides all the functionality required to communicate with
Texas Instruments 134.2 kHz LF transponders which are available in a variety of form factors. The
RI-RFM-008B radio frequency power module is capable driving the RI-ACC-008B, which then forms the
resonant circuit with the antenna. The distance between the antenna - RI-ACC-008B combination and the reader
(RI-RFM-008B + control module) can be extended up to 120 meters when connected by a symmetrical twinax
cable.
The RI-ACC-008B radio frequency power module is capable driving a variety of antennas with extended
inductance ranges from 8µH to 80µH including TI standard antennas RI-ANT-G01E, RI-ANT-G02E,
RI-ANT-G04E gate antennas as well as RI-ANT-S01C and RI-ANT-S02C stick antennas. The RI-RFM-008 is
designed to be connected to control modules RI-CTL-MB2A (RS232 interface) or RI-CTL-MB6A (RS422/485
interface) which provide the interface to connect a host system, power supply connectors and additional I/O’s.
The RI-RFM-008B module in combination with a control module and the RI-ACC-008B is well suited for usage in
a broad range of applications including, but not limited to, access control, vehicle identification, container
tracking, asset management and waste management applications.
The Series 2000 High Performance Remote Antenna RFM together with the Antenna Tuning Module supports
the use of antennas installed at a distance of up to 120 meters. It is the interface between the 134.2 kHz
HDX/FSK transponder and the Data Processing Unit. It sends an energizing signal to the transponder,
modulates the RF signal to send data to the transponder, receives the identification signal and processes it for
digital decoding.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-RFM-008B-30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-RFM-008B-30 TI-RI-RFM-008B-30 Datasheet
137Kb / 5P
HIGH PERFORMANCE LF RADIO FREQUENCY MODULE
More results

Similar Description - RI-RFM-008B-30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-RFM-008B TI-RI-RFM-008B Datasheet
136Kb / 4P
SERIES 2000 HIGH PERFORMANCE REMOTE ANTENNA RFM AND TUNING MODULE
RI-ANT-S01C TI-RI-ANT-S01C Datasheet
252Kb / 3P
SERIES 2000 STICK ANTENNA
logo
STMicroelectronics
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
Antenna tuning circuit with turbo and glide
17-Nov-2015
STHVDAC-256MTG STMICROELECTRONICS-STHVDAC-256MTG Datasheet
650Kb / 27P
Antenna tuning circuit with turbo and glide
02-Nov-2015
logo
Texas Instruments
RI-ANT-S01C TI1-RI-ANT-S01C_16 Datasheet
423Kb / 5P
SERIES 2000 STICK ANTENNA
logo
Laird Tech Smart Techno...
B1443 LSTD-B1443 Datasheet
542Kb / 2P
High performance mobile antenna
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
STHVDAC-253M STMICROELECTRONICS-STHVDAC-253M Datasheet
543Kb / 27P
Antenna tuning circuit
19-Feb-2014
logo
Texas Instruments
RI-ANT-S01C TI1-RI-ANT-S01C_17 Datasheet
419Kb / 5P
SERIES 2000 STICK ANTENNA
logo
SUN HOLD ELECTRIC INC
RFM-1C-P-2-D SUNHOLD-RFM-1C-P-2-D Datasheet
1Mb / 2P
RFM SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com