Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC2202 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC2202
Description  2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2202 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC2202 Datasheet HTML 1Page - Texas Instruments TPIC2202 Datasheet HTML 2Page - Texas Instruments TPIC2202 Datasheet HTML 3Page - Texas Instruments TPIC2202 Datasheet HTML 4Page - Texas Instruments TPIC2202 Datasheet HTML 5Page - Texas Instruments TPIC2202 Datasheet HTML 6Page - Texas Instruments TPIC2202 Datasheet HTML 7Page - Texas Instruments TPIC2202 Datasheet HTML 8Page - Texas Instruments TPIC2202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPIC2202
2CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS017 − SEPTEMBER 1992
2−2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DS Drain-source breakdown voltage
ID = 1 µA,
VGS = 0
60
V
VTGS
Gate-source threshold voltage
ID = 1 mA,
VDS = VGS
1.2
1.75
2.4
V
VDS(on)
Drain-source on-state voltage
ID = 7.5 A,
VGS = 15 V,
See Notes 3 and 4
0.68
0.94
V
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
VGS = 0
TC = 25°C
0.07
1
A
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
VGS = 0
TC = 125°C
1.3
10
µA
IGSSF
Forward gate current, drain short
circuited to source
VGS = 20 V,
VDS = 0
10
100
nA
IGSSR
Reverse gate current, drain short
circuited to source
VGS = − 20 V,
VDS = 0
10
100
nA
rDS(on)
Static drain-source on-state
VGS = 15 V,
ID = 7.5 A,
TC = 25°C
0.09
0.125
Ω
rDS(on)
Static drain-source on-state
resistance
VGS = 15 V,
ID = 7.5 A,
See Notes 3 and 4 and Figures 5 and 6
TC = 125°C
0.15
0.21
Ω
gfs
Forward transconductance
VDS = 15 V,
ID = 5 A,
See Notes 3 and 4
2.5
4.7
S
Ciss
Short-circuit input capacitance,
common source
490
Coss
Short-circuit output capacitance,
common source
VDS = 25 V,
VGS = 0,
f = 300 kHz
285
pF
Crss
Short-circuit reverse transfer
capacitance, common source
90
NOTES:
3. Technique should limit TJ − TC to 10°C maximum.
4. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
source-drain diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSD
Forward on voltage
IS = 7.5 A,
VGS = 0,
di/dt = 100 A/ s,
0.8
1.3
V
trr
Reverse recovery time
IS = 7.5 A,
VDS = 48 V,
VGS = 0,
See Figure 1
di/dt = 100 A/
µs,
200
ns
QRR
Total source-drain diode charge
VDS = 48 V,
See Figure 1
1.5
µC
resistive-load switching characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
12
td(off)
Turn-off delay time
VDD = 25 V,
RL = 6.7 Ω,
ten = 10 ns,
100
ns
tr
Rise time
VDD = 25 V,
tdis = 10 ns,
RL = 6.7 Ω,
See Figure 2
ten = 10 ns,
43
ns
tf
Fall time
tdis = 10 ns,
See Figure 2
5
Qg
Total gate charge
VDD = 48 V,
ID = 2.5 A,
VGS = 10 V,
13.6
18
Qgs
Gate-source charge
VDD = 48 V,
See Figure 3
ID = 2.5 A,
VGS = 10 V,
8.3
11
nC
Qgd
Gate-drain charge
See Figure 3
5.3
7
nC
LD
Internal drain inductance
7
nH
LS
Internal source inductance
7
nH
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance
All outputs with equal power
62.5
°C/W
RθJC
Junction-to-case thermal resistance
All outputs with equal power
2.4
°C/W
RθJC
Junction-to-case thermal resistance
One output dissipating power
3.3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com