Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC2202 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPIC2202
Description  2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2202 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC2202 Datasheet HTML 2Page - Texas Instruments TPIC2202 Datasheet HTML 3Page - Texas Instruments TPIC2202 Datasheet HTML 4Page - Texas Instruments TPIC2202 Datasheet HTML 5Page - Texas Instruments TPIC2202 Datasheet HTML 6Page - Texas Instruments TPIC2202 Datasheet HTML 7Page - Texas Instruments TPIC2202 Datasheet HTML 8Page - Texas Instruments TPIC2202 Datasheet HTML 9Page - Texas Instruments TPIC2202 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TPIC2202
2CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS017 − SEPTEMBER 1992
2−6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
0.6
0.4
0.2
0
0.8
1
1.2
GATE-SOURCE THRESHOLD VOLTAGE
vs
CASE TEMPERATURE
TC − Case Temperature − °C
− 50
25
125
1.4
1.6
1.8
2
SOURCE-DRAIN DIODE CURRENT
vs
SOURCE-DRAIN VOLTAGE
0
0.5
1
1.5
2
VSD − Source-Drain Voltage − V
0.1
1
10
100
TC = 125°C
TC = − 40°C
TC = 25°C
− 25
0
100
50
75
ID = 1 mA
Figure 9
Figure 10
GATE-SOURCE VOLTAGE
vs
GATE CHARGE
Q − Gate Charge − nC
10
8
4
2
0
6
0
1.5
7.5
10.5
14
12
16
15
9
13.5
12
3
4.5
6
250
200
100
50
0
150
0
100
500
300
200
300
400
REVERSE RECOVERY TIME
vs
REVERSE di/dt
Reverse di/dt − A/
µs
ID = 2.5 A
TC = 25°C
VDS = 30 V
VDS = 20 V
VDS = 48 V
TC = 25°C
Figure 11
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com