Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC2202 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPIC2202
Description  2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2202 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC2202 Datasheet HTML 1Page - Texas Instruments TPIC2202 Datasheet HTML 2Page - Texas Instruments TPIC2202 Datasheet HTML 3Page - Texas Instruments TPIC2202 Datasheet HTML 4Page - Texas Instruments TPIC2202 Datasheet HTML 5Page - Texas Instruments TPIC2202 Datasheet HTML 6Page - Texas Instruments TPIC2202 Datasheet HTML 7Page - Texas Instruments TPIC2202 Datasheet HTML 8Page - Texas Instruments TPIC2202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPIC2202
2CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS017 − SEPTEMBER 1992
Copyright
1992, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
• Two 7.5-A Independent Output Channels,
Continuous Current Per Channel
• Low r
DS(on) . . . 0.09 Ω Typical
• Output Voltage ...60 V
• Pulsed Current . . . 15 A Per Channel
• Avalanche Energy . . . 120 mJ
description
The TPIC2202 is a monolithic power DMOS array
that consists of two independent N-channel
enhancement-mode
DMOS
transistors
connected in a common-source configuration with
open drains.
schematic
DRAIN1
DRAIN2
GATE1
GATE2
SOURCE
1
25
4
3
absolute maximum ratings over operating case temperature range (unless otherwise noted)
Drain-source voltage, VDS
60 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate-source voltage, VGS
±20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous source-drain diode current
7.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed drain current, each output, all outputs on, ID (see Note 1)
15 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous drain current, each output, all outputs on
7.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single-pulse avalanche energy, EAS (see Figure 4)
120 mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation at (or below) TA = 25°C (see Note 2)
2 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation at (or below) TC = 75°C, all outputs on (see Note 2)
31 W
. . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. Pulse duration = 10 ms, duty cycle = 6%
2. For operation above 25
°C free-air temperature, derate linearly at the rate of 16 mW/°C. For operation above 75°C case temperature,
and with all outputs conducting, derate linearly at the rate of 0.42 W/
°C. To avoid exceeding the design maximum virtual junction
temperature, these ratings should not be exceeded.
The tab is electrically connected to SOURCE.
KC PACKAGE
(TOP VIEW)
GATE1
DRAIN1
SOURCE
GATE2
DRAIN2
1
2
3
4
5
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPIC2202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
Serial I/F Controlled 9-Channel Motor-Driver
TPIC2010RDFDRG4 TI1-TPIC2010RDFDRG4 Datasheet
1Mb / 70P
Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
Serial I/F Controlled 7-Channel Motor-Driver
TPIC2030 TI2-TPIC2030 Datasheet
921Kb / 60P
TPIC2030 Serial I/F Controlled 7-Channel Motor-Driver With 1-Channel Step Down Regulator
DECEMBER 2015
TPIC2030DBT TI2-TPIC2030DBT Datasheet
921Kb / 60P
TPIC2030 Serial I/F Controlled 7-Channel Motor-Driver With 1-Channel Step Down Regulator
DECEMBER 2015
More results

Similar Description - TPIC2202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com