Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC2202 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC2202
Description  2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2202 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC2202 Datasheet HTML 1Page - Texas Instruments TPIC2202 Datasheet HTML 2Page - Texas Instruments TPIC2202 Datasheet HTML 3Page - Texas Instruments TPIC2202 Datasheet HTML 4Page - Texas Instruments TPIC2202 Datasheet HTML 5Page - Texas Instruments TPIC2202 Datasheet HTML 6Page - Texas Instruments TPIC2202 Datasheet HTML 7Page - Texas Instruments TPIC2202 Datasheet HTML 8Page - Texas Instruments TPIC2202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPIC2202
2CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS017 − SEPTEMBER 1992
2−4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
Qg
10 V
WAVEFORM
Qgd
Time
Gate Voltage
VGS
12-V
Battery
0.2
µF
50 k
Ω
0.3
µF
Current
Regulator
DUT
Same Type
as DUT
IG = 1 mA
IG Current-
Sampling Resistor
ID Current-
Sampling Resistor
TEST CIRCUIT
0
Qgs = Qg − Qgd
VDD = 48 V
Figure 3. Gate Charge Test Circuit and Waveform
25 V
2.5 mH
ID
tw
tav
IAS
V(BR)DSX = 60 V MIN
VOLTAGE AND CURRENT WAVEFORMS
0
0
0
ID
VDS
DUT
VDS
TEST CIRCUIT
(see Note B)
50
Ω
50
Ω
Pulse Generator
Rgen
VGS
VGS
15 V
NOTES: A. The pulse generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, ZO = 50 Ω.
B. Input pulse duration (tw) is increased until peak current IAS = 7.5 A.
Energy test level is defined as E
AS +
I
AS
V
(BR)DSX
tav
2
+ 120 mJ min.
Figure 4. Single-Pulse Avalanche Energy Test Circuit and Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com