Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9301 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC9301
Description  10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC9301 Datasheet(HTML) 1 Page - Semtech Corporation

  SC9301 Datasheet HTML 1Page - Semtech Corporation SC9301 Datasheet HTML 2Page - Semtech Corporation SC9301 Datasheet HTML 3Page - Semtech Corporation SC9301 Datasheet HTML 4Page - Semtech Corporation SC9301 Datasheet HTML 5Page - Semtech Corporation SC9301 Datasheet HTML 6Page - Semtech Corporation SC9301 Datasheet HTML 7Page - Semtech Corporation SC9301 Datasheet HTML 8Page - Semtech Corporation SC9301 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
© Semtech Corporation
1
SC9301
10A EcoSpeed
® Integrated FET
Regulator with 5V LDO and Hiccup Restart
Features
Power system
Input voltage — 3V to 28V
Bias Voltage — 5V LDO or 3V to 5.5V external
Up to 96% peak efficiency
Integrated bootstrap switch
LDO output current — up to 200mA
Reference tolerance — 1% T
J
= -40 to +125 °C
EcoSpeed® architecture with pseudo-fixed fre-
quency adaptive on-time control
Pre-bias start-up
Logic input and output control
Independent enable control for LDO and
switcher
Programmable V
IN
UVLO threshold
Power good output
Programmable soft-start time
All protection: automatic restart on fault
Over-voltage and under-voltage
TC compensated R
DS(ON)
sensed current limit
Thermal shutdown
Smart gate drive reduces EMI
Capacitor types: SP, POSCAP, OSCON, and ceramic
Package — 5 x 5(mm), 32-pin MLPQ
Lead-free and halogen-free
RoHS and WEEE compliant
Applications
Networking and telecommunication equipment
Printers, DSL, and STB applications
Point-of-load power supplies and module replacement
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Description
The SC9301 is a stand-alone synchronous EcoSpeed
®
buck
regulator with adaptive on-time control architecture. It
features integrated power MOSFETs, a bootstrap switch,
and a fixed 5V LDO in a 5x5mm package. The device is
highly efficient and uses minimal PCB area. The SC9301
supports using standard capacitor types such as electro-
lytic or specialty polymer, in addition to ceramic, at switch-
ing frequencies up to 1MHz.
Additional features include programmable cycle-by-cycle
current limit protection, programmable soft-start, under
and over-voltage protection, automatic fault recovery
(hiccup restart), and soft shutdown. The device also pro-
vides separate enable inputs for the PWM controller and
LDO as well as a power good output for the PWM
controller.
Rev. 2.0
POWER MANAGEMENT
Typical Application Circuit
RTON
SC9301
FB
VOUT
VDD
VIN
SS
LX
PGOOD
ILIM
LXS
EN
ENL
RILIM
CBST
+
RFB1
RFB2
VOUT
COUT
L1
CIN
VIN
PGOOD
TON
1μF
CSOFT


Similar Part No. - SC9301

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9302 SILAN-SC9302 Datasheet
1Mb / 39P
1-MEMORY/2-MEMORY TONE/PULSE DIALER
logo
Infinite Electronics In...
SC9302 FAIRVIEW-SC9302 Datasheet
28Kb / 1P
N-M CLAMP RG55, RG58
REV A
logo
Silan Microelectronics ...
SC9302A SILAN-SC9302A Datasheet
1Mb / 39P
1-MEMORY/2-MEMORY TONE/PULSE DIALER
SC9302ALT SILAN-SC9302ALT Datasheet
1Mb / 39P
1-MEMORY/2-MEMORY TONE/PULSE DIALER
SC9302AT SILAN-SC9302AT Datasheet
1Mb / 39P
1-MEMORY/2-MEMORY TONE/PULSE DIALER
More results

Similar Description - SC9301

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
10A Integrated FET Regulator with Programmable LDO
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
6A Integrated FET Regulator with 5V LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC508 SEMTECH-SC508 Datasheet
847Kb / 32P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
logo
Texas Instruments
BQ24351 TI1-BQ24351_13 Datasheet
1Mb / 18P
With Integrated Charging FET and LDO Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com