Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS191A Datasheet(PDF) 33 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 33 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 29Page - Texas Instruments SLAS191A Datasheet HTML 30Page - Texas Instruments SLAS191A Datasheet HTML 31Page - Texas Instruments SLAS191A Datasheet HTML 32Page - Texas Instruments SLAS191A Datasheet HTML 33Page - Texas Instruments SLAS191A Datasheet HTML 34Page - Texas Instruments SLAS191A Datasheet HTML 35Page - Texas Instruments SLAS191A Datasheet HTML 36Page - Texas Instruments SLAS191A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
1–27
;****************************************************************************
; Section in EPROM
;****************************************************************************
.sect “PrepLCD”, EPROM_orig
;––– Prepare LCD and Basic timer
PrepLCD
MOV.B
#–1h,LCDM
;LCD : Analog generator on Low
;
impedance 4 Mux active
;
all outputs are Seg
MOV.B
#057h,BTCTL
; Basic Timer : SSEL=0 DIV=0 Reset=1
; ACLK
; 32768/256 = 128 Hz
; (7.8 ms debounce time)
; LCD frame frequency @ 4 Mux: 64 Hz
BIS.B
#BTME,ME2
; Enable basic timer module
BIC.B
#040h,BTCTL
; Basic Timer reset disabled
BIS.B
#BTIE,IE2
; enable basic timer interrupt
MOV.B
#lcd_ival,lcd_timer ; load SW lcd timer
CALL
#show_cir
; clear LCD
EINT
; enable interrupts
;––– clear LCD
.sect “show_clr:”,EPROM_orig+50h
show_clr
MOV
#15, r5
; clear display memory
show_clrl
MOV.b
#0, LCD1–1(r5)
DEC
r5
JNz
show_clr1
RET
;****************************************************************************
; Basic Timer Interrupt routine
;****************************************************************************
.sect
“Int_BT” ,EPROM_orig+100h
Int_BT
; Basic Timer 128 Hz (7.8 ms)
DEC.B
lcd_timer
; decrement SW lcd-timer
JNZ
Int_BT_end
; !0 : no action
BIC
#CPUOFF,0 (SP)
; Clear CPUoff Bit
MOV.B
#lcd_ival,lcd_timer ; =0 : load again
Int_BT_end
RETI
Figure 1–23. EPROM LCD and Interrupt Routine
Now these routines can be used in any other program. This section does not have to be downloaded again,
even if the STK/EVK is disconnected from the power supply.
To load a program using the HyperTerminal, double click the terminal icon in the MSP-STK/EVK430 program
group in the Windows Program Manager. The HyperTerminal window appears as follows in Figure 1–24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com