Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS191A Datasheet(PDF) 10 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 6Page - Texas Instruments SLAS191A Datasheet HTML 7Page - Texas Instruments SLAS191A Datasheet HTML 8Page - Texas Instruments SLAS191A Datasheet HTML 9Page - Texas Instruments SLAS191A Datasheet HTML 10Page - Texas Instruments SLAS191A Datasheet HTML 11Page - Texas Instruments SLAS191A Datasheet HTML 12Page - Texas Instruments SLAS191A Datasheet HTML 13Page - Texas Instruments SLAS191A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
1–4
MSP–STK430A320
>_
Figure 1–3. Terminal Screen
A help message is displayed on the screen automatically if the Monitor message MSP-STK430x320 is not
received by the STK/EVK control software, where x is the current revision letter.
Reset Button
NOTE: Pins for the STK Demo Program
Some pins of the MSP430 device will be used for the sensor demo program (only available on
the STK):
•
A5 (connected to the sensor)
•
Seg0. . .Seg13 (connected to the LCD Display)
•
Com1. . .Com4 (connected to the LCD Display)
•
R03. . .R33 (connected to the LCD R-Ladder)
•
P0.0 (connected to the Trigger button)
•
The string MSP-STK430x320 should appear in the HyperTerminal window (white background
area of the STKW95 HyperTerminal
 window). In addition, the LCD display on the evaluation
board (EVK or STK) should display MSP430.
•
If both do not appear, simply press the reset button on the evaluation board (identified with an
RES etched next to it) one time.
NOTE:
The MSP430 evaluation board requires very low supply voltages due to its ultra-low
power consumption characteristics. In this case, the RS232 interface, or a 3.6 V
lithium battery (if installed) provides the supply voltage for the STK/EVK.
Due to PC com port differences, it may be necessary to jumper the board down to
3 V or supply an external battery. To jumper the board, refer to the diagram in the
STK/EVK Target Connectors section, and place one jumper across the Vcc holes,
and another across the Vcc/LCD holes where the default for both of these is open.
HyperTerminal is a trademark of Hilgraeve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com