Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS191A Datasheet(PDF) 79 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 79 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 75Page - Texas Instruments SLAS191A Datasheet HTML 76Page - Texas Instruments SLAS191A Datasheet HTML 77Page - Texas Instruments SLAS191A Datasheet HTML 78Page - Texas Instruments SLAS191A Datasheet HTML 79Page - Texas Instruments SLAS191A Datasheet HTML 80Page - Texas Instruments SLAS191A Datasheet HTML 81Page - Texas Instruments SLAS191A Datasheet HTML 82Page - Texas Instruments SLAS191A Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 86 page
background image
6–3
The following example demonstrates how to implement and test the emergency come-back to the monitor
routine:
1.
Set the variable DVLP to 0 after the routine has been successfully tested in RAM. The variable
TRIAL indicates the number of interrupt tables that have been burned. The last necessary input
is the start address BEGIN.
2.
Insert the address where the program is stored. To find a free section in EPROM, use the m or
the e command.
3.
The terminal is switched off and the program enters an endless loop after burning the program
and executing a reset, or after starting it with the go command.
4.
To come back to the monitor, press and hold down the demo button and press the button.
;****************************************************************************
; Demo for Emergency Burn-over of already written ID = AA55h
;****************************************************************************
DVKO
.set
1
; Development = 1, Final = 0
TRIAL
.set
1
; Progressing trial number )start=1)
BEGIN
.set
0C000h
; Startaddress of (new) code in EPROM
;––– definition of testpin
pin
.set
01h
; testpin is P0.0
P0DIR
.set
12h
; Port 0 direction control register
P0IN
.set
10h
; Port 0 input register
;––– ddfine working sections
.if DVLP =1
.text 00240h
; code in RAM during development
.else
.text BEGIN
; code in EPROM at final run
.endif
;––– test routine is waiting for low at testpin
start
bic.b
#pin, P0DIR
; testpin is input
bit.b
#pin, P0IN
; test testpin
jnz
user_prg
; jump to user program if testpin = 1
clr
003DEh
; clear ID in RAM (005DEh on MSP430X33x)
br
0FFDCh
; branch indirect to Monitor
;––– insert here the start up of your user program
user_prg
jmp
user_prg
; Dummy endless loop
;––– define reset vector in RAM for development
.sect
“RAM_RES”, 03FEh ; 05FEh on MSP430X33x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com