Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLAS191A Datasheet(PDF) 8 Page - Texas Instruments

Part # SLAS191A
Description  Starter Kit Evaluation Kit Manual
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS191A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SLAS191A Datasheet HTML 4Page - Texas Instruments SLAS191A Datasheet HTML 5Page - Texas Instruments SLAS191A Datasheet HTML 6Page - Texas Instruments SLAS191A Datasheet HTML 7Page - Texas Instruments SLAS191A Datasheet HTML 8Page - Texas Instruments SLAS191A Datasheet HTML 9Page - Texas Instruments SLAS191A Datasheet HTML 10Page - Texas Instruments SLAS191A Datasheet HTML 11Page - Texas Instruments SLAS191A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
1–2
Figure 1–1. MSP-STK430 Program Group
Figure 1–2. MSP/EVK430 Program Group
NOTE: EVK/STK430 Terminal icon
Before clicking the EVK/STK430 Terminal icon, ensure the standard Windows Applications
Terminal and Notepad are installed in the Windows directory. The Windows terminal emulator
is configured to use serial port COM2 by default.
1.2
Hardware Installation
The STK/EVK kit hardware includes the STK/EVK-PCB and one 9-pin cable for connection to the PCs serial
communication port. The EVK also contains the PRG430 along with the necessary cables.
1.2.1
The STK/EVK-PCB Operating Conditions
Temperature range
10
°C – 45°C
Humidity
40% – 70%
Current consumption
(Approximate Values)
≈0.7 mA at 3 V, 25°C, no connection to serial port
≈1 mA at 5 V, 25°C, no connection to serial port
≈5 mA at 3 V, 25°C, serial port connected
≈5.5 mA at 5 V, 25°C, serial port connected
Note: The current consumption is measured without any additional external
connections.
Operating voltage
3 V or 5 V
Note: The operating voltage is selectable as 3 V or 5 V on the STK/EVK-PCB
by making the appropriate connections (see Figure 1–5
or 1–6,
depending on the system you have).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com