Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-US-R0603 Datasheet(PDF) 19 Page - Texas Instruments

Part # R-US-R0603
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

R-US-R0603 Datasheet(HTML) 19 Page - Texas Instruments

Back Button R-US-R0603 Datasheet HTML 15Page - Texas Instruments R-US-R0603 Datasheet HTML 16Page - Texas Instruments R-US-R0603 Datasheet HTML 17Page - Texas Instruments R-US-R0603 Datasheet HTML 18Page - Texas Instruments R-US-R0603 Datasheet HTML 19Page - Texas Instruments R-US-R0603 Datasheet HTML 20Page - Texas Instruments R-US-R0603 Datasheet HTML 21Page - Texas Instruments R-US-R0603 Datasheet HTML 22Page - Texas Instruments R-US-R0603 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
www.ti.com
MSP-EXP430F5529 Hardware
There are also other jumpers available for current measurement, disconnection of certain peripherals, and
other advanced options (see Table 1). The black line on the board below the jumpers JP8 (LDO) and
JP11 (JTAG) indicates the default jumper position.
Table 1. MSP-EXP430F5529 Jumper Settings and Functionality
Functionality When Jumper
Header
Functionality When Jumper Present
Absent
JP2
– POT
Connects pin P8.0 to potentiometer
Disconnects pin P8.0 to
potentiometer
JP3
– LED1
Connects pin P1.0 to LED1
Disconnects pin P1.0 to LED1
JP6
– 430 PWR
MSP430F5529 is not powered.
Provides power to MSP430F5529. Also used to measure current
consumption of the MSP430F5529.
NOTE:
The two large vias near the
"430 PWR" label on the PCB
are connected to JP6 as well.
These vias can be used to
easily connect a test lead onto
the PCB for current
consumption measurement.
JP7
– SYS PWR
Provides power to the entire MSP-EXP430F5529 board. Also
MSP-EXP430F5529 Experimenter
used to measure current consumption of the entire board.
Board system devices are not
powered.
JP8
– LDO
No connection to MSP430 V
CC when
Only applicable when powering via
"5529 USB" connection.
powered via
"5529 USB".
ALT (Default): Connects the alternate LDO (TPS73533) to the
MSP430 VCC.
INT: Connects the internal
'F5529 LDO to the MSP430 V
CC.
JP11
– JTAG
JTAG tool does NOT provide power
Only applicable when powering via JTAG connection.
to system.
EXT (Default): JTAG tool does NOT provide power to system.
INT: JTAG tool will provide power to system.
JP14
– RF PWR
Connects system V
CC to the RF headers: J12, J13, and RF2.
RF headers: J12, J13, and RF2 do
not have power.
JP15
– USB PWR
Connects USB 5-V power to MSP430F5529 and Alternate LDO
USB 5-V power not connected to
(TPS73533).
system.
JP16
– eZ-FET
No connection between
DVCC: Connects MSP430 V
CC to eZ-FET
Connection
MSP430F5529 and the eZ-FET.
TXD / RXD: Connects UART between F5529 and eZ-FET.
RST / TEST: Connects Spy-Bi-Wire JTAG between F5529 and
eZ-FET.
19
SLAU330A
– May 2011 – Revised June 2011
MSP-EXP430F5529 Experimenter Board
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com