Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-US-R0603 Datasheet(PDF) 21 Page - Texas Instruments

Part # R-US-R0603
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

R-US-R0603 Datasheet(HTML) 21 Page - Texas Instruments

Back Button R-US-R0603 Datasheet HTML 17Page - Texas Instruments R-US-R0603 Datasheet HTML 18Page - Texas Instruments R-US-R0603 Datasheet HTML 19Page - Texas Instruments R-US-R0603 Datasheet HTML 20Page - Texas Instruments R-US-R0603 Datasheet HTML 21Page - Texas Instruments R-US-R0603 Datasheet HTML 22Page - Texas Instruments R-US-R0603 Datasheet HTML 23Page - Texas Instruments R-US-R0603 Datasheet HTML 24Page - Texas Instruments R-US-R0603 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
www.ti.com
MSP-EXP430F5529 Hardware
Figure 9 shows a method of connecting a multi-meter to the MSP-EXP430F5529 to measure the current
of the MSP430F5529.
Figure 9. MSP430 Current Measurement Connection
4.3
eZ-FET Emulator
The connection between the eZ-FET emulator and the MSP-EXP430F5529 can be opened by removing
the jumpers on JP16. This is necessary only to ensure there is no interaction between the two
sub-systems. The eZ-FET Emulator can program other eZ430 tools such as the eZ430-F2013 target
board as well. A six-pin header on J17 would need be installed on the PCB for this feature.
The USB interface on the eZ-FET emulator also allows for UART communication with a PC host, in
addition to providing power to Experimenter Board when the power switch is set to 'eZ'. The USCI module
in the MSP430F5529 supports the UART protocol that is used to communicate with the TI TUSB3410
device on the eZ-FET emulator for data transfer to the PC.
4.4
MSP-EXP430F5529 Hardware Components
4.4.1
Dot-Matrix LCD
The EA DOGS102W-6 is a dot-matrix LCD with a resolution of 102x64 pixels. The LCD has a built-in
back-light driver that can be controlled by a PWM signal from the MSP430F5529, pin P7.6. The
MSP430F5529 communicates with the EA DOGS102W-6 via an SPI-like communication protocol. To
supplement the limited set of instructions and functionalities provided by the on-chip LCD driver, an LCD
driver has been developed for the MSP430F5529 to support additional functionalities such as font set and
graphical utilities. More information on the LCD can be obtained from the manufacturer's data sheet.
21
SLAU330A
– May 2011 – Revised June 2011
MSP-EXP430F5529 Experimenter Board
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com