Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-US-R0603 Datasheet(PDF) 11 Page - Texas Instruments

Part # R-US-R0603
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

R-US-R0603 Datasheet(HTML) 11 Page - Texas Instruments

Back Button R-US-R0603 Datasheet HTML 7Page - Texas Instruments R-US-R0603 Datasheet HTML 8Page - Texas Instruments R-US-R0603 Datasheet HTML 9Page - Texas Instruments R-US-R0603 Datasheet HTML 10Page - Texas Instruments R-US-R0603 Datasheet HTML 11Page - Texas Instruments R-US-R0603 Datasheet HTML 12Page - Texas Instruments R-US-R0603 Datasheet HTML 13Page - Texas Instruments R-US-R0603 Datasheet HTML 14Page - Texas Instruments R-US-R0603 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
www.ti.com
User Experience Software
Press S1 to enter Measurement Mode. While in measurement mode, measure the current by attaching a
multi-meter across the 430 PWR holes and removing the 430 PWR jumper J6. Replace the 430 PWR
jumper after making the measurement, then press S1 or S2 to return to the Active Mode menu.
Press S2 to return to the Power Tests sub-menu
Low Power Mode: Selecting Low Power Mode takes the user to an information screen with directions on
how to navigate the Low Power Mode menu. Press S1 to continue on to the application.
Press S2 to return to the Power Tests sub-menu.
In the Low Power Mode menu, use the wheel to select a low-power mode option, then press S1 to enter
low-power mode. While in low-power mode, measure the current by attaching a multi-meter across the
430 PWR holes and removing the 430 PWR jumper.
Press S1 or S2 to return to the Low Power Mode menu.
2.6
Demo Apps
Select this option from the main menu to bring up the Demo Apps sub-menu, which allows access to
various demo applications. Many of them require a USB connection. Use the wheel to select one of the
options and then press S1 to enter the application. Press S2 to return to the main menu.
Terminal Echo uses the CDC stack to communicate with a hyperterminal on the PC. USB Mouse uses the
HID stack to interface with the PC.
Terminal Echo: Select Terminal Echo to display an informational screen and connects to the PC. Make
sure to connect a USB cable from the USB port labeled "5529 USB" to the host PC. Open a hyperterminal
window and connect to the MSP430. Text that is typed in the hyperterminal window is echoed back to the
terminal and is displayed on the LCD screen of the Experimenter Board.
Press S2 to exit and return Demo Apps sub-menu.
USB Mouse: Select USB Mouse to display an informational screen and connects to the PC. Make sure to
connect a USB cable from the USB port labeled "5529 USB" to the host PC. The MSP430 now acts as the
mouse for the PC. Tilt the board to move the mouse around the screen, and press S1 to click.
Press S2 to exit and return Demo Apps sub-menu.
USB microSD: Select USB microSD to connect to the PC as a mass storage device. Make sure to
connect a USB cable from the USB port labeled "5529 USB" to the host PC. The MSP430 shows as an
external drive (or removable drive) for the PC.
Press S2 to return to the Demo Apps sub-menu.
Touch Graph: Select Touch Graph to display an instruction screen for a very short time and then launch
the application. Touch the capacitor key pads with varying pressures to see the varying capacitance being
displayed as bars with varying heights. Slide a finger over multiple capacitor key pads to observe the
change in heights of bars with respect to the current position of the finger and also the effect of
capacitance from neighboring pads.
Press S2 to exit and return Demo Apps sub-menu.
Touch Slide: Select Touch Slide to display an instruction screen for a very short time and then launch the
application. Touch the capacitor key pads with varying pressures to see the varying capacitance being
displayed as bars with varying heights. Slide a finger over multiple capacitor key pads to observe the
change in heights of bars with respect to the current position of the finger and also the effect of
capacitance from neighboring pads.
Press S2 to exit and return Demo Apps sub-menu.
Demo Cube: Select Demo Cube to launch the demo cube application. Read the instructions and press S1
to start the application. There are two modes. Use S1 to toggle between them.
In the first mode, the cube randomly rotates by itself. In the second mode, the cube can be rotated by
tilting the board. This mode uses the accelerometer.
Press S2 to exit and return Demo Apps sub-menu.
11
SLAU330A
– May 2011 – Revised June 2011
MSP-EXP430F5529 Experimenter Board
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com