Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-US-R0603 Datasheet(PDF) 12 Page - Texas Instruments

Part # R-US-R0603
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

R-US-R0603 Datasheet(HTML) 12 Page - Texas Instruments

Back Button R-US-R0603 Datasheet HTML 8Page - Texas Instruments R-US-R0603 Datasheet HTML 9Page - Texas Instruments R-US-R0603 Datasheet HTML 10Page - Texas Instruments R-US-R0603 Datasheet HTML 11Page - Texas Instruments R-US-R0603 Datasheet HTML 12Page - Texas Instruments R-US-R0603 Datasheet HTML 13Page - Texas Instruments R-US-R0603 Datasheet HTML 14Page - Texas Instruments R-US-R0603 Datasheet HTML 15Page - Texas Instruments R-US-R0603 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
User Experience Software
www.ti.com
2.7
SD Card Access
Select SD Card Access to access a microSD card placed in the SD card reader at the top of the board. If
no SD card is present, a warning screen is displayed. When an SD card is present, the screen displays a
list of the contents of the card. Directories are denoted by "
<d>". Use the wheel to scroll through the list
and select files or directories to open by pressing S1. When a file is open, use the wheel to scroll further
through the file. Press S2 to close the current file or directory.
Press S2 while in the root directory to return to the main menu.
2.8
Settings Menu
Select Settings to modify the display settings for the Experimenter Board. Use the wheel to select the
setting to modify and press S1 to enter.
Press S2 to return to the main menu.
Contrast: Modify the contrast of the LCD by turning the wheel. When first entering the menu, the contrast
remains unchanged for a few seconds to allow the user to read the instructions and then changes to the
setting for the current position of the wheel.
After the contrast is set at the desired level, press S2 to return to the Settings sub-menu.
Backlight: Modify the brightness of the backlight by turning the wheel. There are 12 brightness settings,
from having the backlight turned off up to full brightness.
After the backlight is set at the desired level, press S2 to return to the Settings sub-menu.
Calibrate Accel: Sets the "default" position for the accelerometer. An instruction screen is shown first. For
best results, set the board on a flat surface. Press S1 to start calibrations. The accelerometer readings at
that point in time are stored to flash and are subtracted from the subsequent accelerometer readings of
other applications like USB Mouse and USB Tilt Puzzle.
SW Version: Displays the current version of the firmware loaded on the Experimenter Board.
LEDs
& Logo: Lights all the LEDs on the board. There are one red, one yellow, one green, and five blue
LEDs on the capacitive touch pads. This provides a method to determine whether or not all the LEDs are
in working condition.
The screen also displays the TI Bug and a USB Flash Drive logo on the screen.
12
MSP-EXP430F5529 Experimenter Board
SLAU330A
– May 2011 – Revised June 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com