Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC7824ACT Datasheet(PDF) 14 Page - ON Semiconductor

Part # MC7824ACT
Description  1.0 A Positive Voltage Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7824ACT Datasheet(HTML) 14 Page - ON Semiconductor

Back Button MC7824ACT Datasheet HTML 10Page - ON Semiconductor MC7824ACT Datasheet HTML 11Page - ON Semiconductor MC7824ACT Datasheet HTML 12Page - ON Semiconductor MC7824ACT Datasheet HTML 13Page - ON Semiconductor MC7824ACT Datasheet HTML 14Page - ON Semiconductor MC7824ACT Datasheet HTML 15Page - ON Semiconductor MC7824ACT Datasheet HTML 16Page - ON Semiconductor MC7824ACT Datasheet HTML 17Page - ON Semiconductor MC7824ACT Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MC7800, MC7800A, MC7800AE, NCV7800
http://onsemi.com
14
ELECTRICAL CHARACTERISTICS (Vin = 23 V, IO = 1.0 A, TJ = Tlow to 125°C (Note 23), unless otherwise noted)
MC7815AB/MC7815AC
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
14.7
15
15.3
Vdc
Output Voltage (5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
14.4
15
15.6
Vdc
17.9 Vdc ≤ Vin ≤ 30 Vdc
Line Regulation (Note 24)
Regline
mV
17.9 Vdc ≤ Vin ≤ 30 Vdc, IO = 500 mA
−
8.5
20
20 Vdc ≤ Vin ≤ 26 Vdc
−
3.0
22
17.5 Vdc ≤ Vin ≤ 30 Vdc, IO = 1.0 A, TJ = 25°C
−
7.0
20
Load Regulation (Note 24)
Regload
mV
5.0 mA ≤ IO ≤ 1.5 A, TJ = 25°C
−
1.8
25
5.0 mA ≤ IO ≤ 1.0 A
−
1.5
25
250 mA ≤ IO ≤ 750 mA
−
1.2
15
Quiescent Current
IB
−
3.5
6.0
mA
Quiescent Current Change
DIB
mA
17.5 Vdc ≤ Vin ≤ 30 Vdc, IO = 500 mA
−
−
0.8
17.5 Vdc ≤ Vin ≤ 30 Vdc, IO = 1.0 A, TJ = 25°C
−
−
0.8
5.0 mA ≤ IO ≤ 1.0 A
−
−
0.5
Ripple Rejection
RR
60
80
−
dB
18.5 Vdc ≤ Vin ≤ 28.5 Vdc, f = 120 Hz, IO = 500 mA
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI − VO
−
2.0
−
Vdc
Output Noise Voltage (TA = 25°C)
Vn
−
10
−
mV/VO
10 Hz ≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
−
1.2
−
mW
Short Circuit Current Limit (TA = 25°C)
ISC
−
0.2
−
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
−
2.2
−
A
Average Temperature Coefficient of Output Voltage
TCVO
−
−1.0
−
mV/°C
23.Tlow =0°C for MC78XXC, MC78XXAC,
= *40°C for NCV78XX, MC78XXB, MC78XXAB, and MC78XXAEB
24.Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com