Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC7824ACT Datasheet(PDF) 27 Page - ON Semiconductor

Part # MC7824ACT
Description  1.0 A Positive Voltage Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7824ACT Datasheet(HTML) 27 Page - ON Semiconductor

Back Button MC7824ACT Datasheet HTML 23Page - ON Semiconductor MC7824ACT Datasheet HTML 24Page - ON Semiconductor MC7824ACT Datasheet HTML 25Page - ON Semiconductor MC7824ACT Datasheet HTML 26Page - ON Semiconductor MC7824ACT Datasheet HTML 27Page - ON Semiconductor MC7824ACT Datasheet HTML 28Page - ON Semiconductor MC7824ACT Datasheet HTML 29Page - ON Semiconductor MC7824ACT Datasheet HTML 30Page - ON Semiconductor MC7824ACT Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
MC7800, MC7800A, MC7800AE, NCV7800
http://onsemi.com
27
ORDERING INFORMATION
Device
Shipping†
Package
Operating
Temperature Range
Nominal Voltage
NCV7808BDTG*
TJ = −40°C to +125°C
DPAK
(Pb−free)
75 Units / Rail
NCV7808BDTRKG*
2500 / Tape & Reel
NCV7808BTG*
TO−220
(Pb−free)
50 Units / Rail
NCV7808BD2TR4G*
D2PAK
(Pb−free)
800 / Tape & Reel
MC7809ABTG
9.0 V
TJ = −40°C to +125°C
TO−220
(Pb−free)
50 Units /Rail
MC7809ACT
TJ = 0°C to +125°C
TO−220
50 Units /Rail
MC7809ACTG
TO−220
(Pb−free)
50 Units /Rail
MC7809BT
TJ = −40°C to +125°C
TO−220
50 Units /Rail
MC7809BTG
TO−220
(Pb−free)
50 Units /Rail
MC7809CD2T
TJ = 0°C to +125°C
D2PAK
50 Units /Rail
MC7809CD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7809CD2TR4
D2PAK
800 / Tape & Reel
MC7809CD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7809CT
TO−220
50 Units /Rail
MC7809CTG
TO−220
(Pb−free)
50 Units /Rail
NCV7809BD2TR4G*
TJ = −40°C to +125°C
D2PAK
(Pb−free)
800 / Tape & Reel
MC7812ABD2T
12 V
TJ = −40°C to +125°C
D2PAK
50 Units /Rail
MC7812ABD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7812ABD2TR4
D2PAK
800 / Tape & Reel
MC7812ABD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7812ABT
TO−220
50 Units /Rail
MC7812ABTG
TO−220
(Pb−free)
50 Units /Rail
MC7812ACD2T
12 V
TJ = 0°C to +125°C
D2PAK
50 Units /Rail
MC7812ACD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7812ACD2TR4
D2PAK
800 / Tape & Reel
MC7812ACD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7812ACT
TO−220
50 Units /Rail
MC7812ACTG
TO−220
(Pb−free)
50 Units /Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Spe-
cifications Brochure, BRD8011/D.
*NCV devices: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com