Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC7824ACT Datasheet(PDF) 31 Page - ON Semiconductor

Part # MC7824ACT
Description  1.0 A Positive Voltage Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7824ACT Datasheet(HTML) 31 Page - ON Semiconductor

Back Button MC7824ACT Datasheet HTML 26Page - ON Semiconductor MC7824ACT Datasheet HTML 27Page - ON Semiconductor MC7824ACT Datasheet HTML 28Page - ON Semiconductor MC7824ACT Datasheet HTML 29Page - ON Semiconductor MC7824ACT Datasheet HTML 30Page - ON Semiconductor MC7824ACT Datasheet HTML 31Page - ON Semiconductor MC7824ACT Datasheet HTML 32Page - ON Semiconductor MC7824ACT Datasheet HTML 33Page - ON Semiconductor MC7824ACT Datasheet HTML 34Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
MC7800, MC7800A, MC7800AE, NCV7800
http://onsemi.com
31
ORDERING INFORMATION
Device
Shipping†
Package
Operating
Temperature Range
Nominal Voltage
MC7824ACT
24 V
TJ = 0°C to +125°C
TO−220
50 Units /Rail
MC7824ACTG
TO−220
(Pb−free)
50 Units /Rail
MC7824BD2T
TJ = −40°C to +125°C
D2PAK
50 Units /Rail
MC7824BD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7824BD2TR4
D2PAK
800 / Tape & Reel
MC7824BD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7824BT
TO−220
50 Units /Rail
MC7824BTG
TO−220
(Pb−free)
50 Units /Rail
MC7824CD2T
TJ = 0°C to +125°C
D2PAK
50 Units /Rail
MC7824CD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7824CD2TR4
D2PAK
800 / Tape & Reel
MC7824CD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7824CT
TO−220
50 Units /Rail
MC7824CTG
TO−220
(Pb−free)
50 Units /Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Spe-
cifications Brochure, BRD8011/D.
*NCV devices: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.
78xxAyD2T
AWLYWWG
MC
78xxAyT
AWLYWWG
xx
= 05, 06, 08, 09, 12, 15, 18, or 24
y
= B or C
A
= Assembly Location
WL, L = Wafer Lot
Y
= Year
WW = Work Week
G
= Pb−Free Device
MARKING DIAGRAMS
TO−220−3
T SUFFIX
CASE 221A
MC
D2PAK−3
D2T SUFFIX
CASE 936
DPAK−3
DT SUFFIX
CASE 369C
78xxyG
ALYWW
78xxyD2T
AWLYWWG
MC *
MC
78xxyT
AWLYWWG
*
*This marking diagram also applies to NCV78xx family.
MC
78xxAEyT
AWLYWWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com