Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC7824ACT Datasheet(PDF) 17 Page - ON Semiconductor

Part # MC7824ACT
Description  1.0 A Positive Voltage Regulators
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7824ACT Datasheet(HTML) 17 Page - ON Semiconductor

Back Button MC7824ACT Datasheet HTML 13Page - ON Semiconductor MC7824ACT Datasheet HTML 14Page - ON Semiconductor MC7824ACT Datasheet HTML 15Page - ON Semiconductor MC7824ACT Datasheet HTML 16Page - ON Semiconductor MC7824ACT Datasheet HTML 17Page - ON Semiconductor MC7824ACT Datasheet HTML 18Page - ON Semiconductor MC7824ACT Datasheet HTML 19Page - ON Semiconductor MC7824ACT Datasheet HTML 20Page - ON Semiconductor MC7824ACT Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
MC7800, MC7800A, MC7800AE, NCV7800
http://onsemi.com
17
ELECTRICAL CHARACTERISTICS (Vin = 33 V, IO = 500 mA, TJ = Tlow to 125°C (Note 29), unless otherwise noted)
MC7824B
MC7824C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
23
24
25
23
24
25
Vdc
Output Voltage (5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
Vdc
27 Vdc ≤ Vin ≤ 38 Vdc
−
−
−
22.8
24
25.2
28 Vdc ≤ Vin ≤ 38 Vdc
22.8
24
25.2
−
−
−
Line Regulation, (Note 30)
Regline
mV
27 Vdc ≤ Vin ≤ 38 Vdc
−
11.5
480
−
2.7
60
30 Vdc ≤ Vin ≤ 36 Vdc
−
3.8
240
−
2.7
48
Load Regulation, (Note 30)
Regload
−
2.1
480
−
4.4
65
mV
5.0 mA ≤ IO ≤ 1.5 A
Quiescent Current
IB
−
3.6
8.0
−
3.6
6.5
mA
Quiescent Current Change
DIB
mA
27 Vdc ≤ Vin ≤ 38 Vdc
−
−
−
−
−
1.0
5.0 mA ≤ IO ≤ 1.0 A
−
−
0.5
−
−
0.5
Ripple Rejection
RR
−
54
−
50
54
−
dB
28 Vdc ≤ Vin ≤ 38 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI − VO
−
2.0
−
−
2.0
−
Vdc
Output Noise Voltage (TA = 25°C)
Vn
−
10
−
−
10
−
mV/VO
10 Hz ≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
−
1.4
−
−
1.4
−
mW
Short Circuit Current Limit (TA = 25°C)
ISC
−
0.2
−
−
0.2
−
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
−
2.2
−
−
2.2
−
A
Average Temperature Coefficient of Output Voltage
TCVO
−
−2.0
−
−
−2.0
−
mV/°C
29.Tlow =0°C for MC78XXC, MC78XXAC,
= *40°C for NCV78XX, MC78XXB, MC78XXAB, and MC78XXAEB
30.Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com