Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA3003R Datasheet(PDF) 13 Page - Sony Corporation

Part # CXA3003R
Description  Baseband analog processing IC for dual-mode CDMA/FM cellular phone
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3003R Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXA3003R Datasheet HTML 9Page - Sony Corporation CXA3003R Datasheet HTML 10Page - Sony Corporation CXA3003R Datasheet HTML 11Page - Sony Corporation CXA3003R Datasheet HTML 12Page - Sony Corporation CXA3003R Datasheet HTML 13Page - Sony Corporation CXA3003R Datasheet HTML 14Page - Sony Corporation CXA3003R Datasheet HTML 15Page - Sony Corporation CXA3003R Datasheet HTML 16Page - Sony Corporation CXA3003R Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
—13—
CXA3003R
tclk-hi
tclk-lo
tsud-d
thd-d
thd-s
tsud-s
LSB+1
LSB
XXX
MSB
MSB-1
LSB
FMCLK
(input)
FMRXSTROBE
(input)
FXRXDATA (I, Q)
(output)
FMCLK=360kHz
FMRXSTROBE=40kHz
Fig. 4 FMCLK, FMRXSTROBE vs. RXFMDATA (I, Q) timing diagram
Note : FM RXSTROBE pulse width must be
≤ one FMCLK period.
ADCENABLE & ADC CLK vs. ADC DATA
(VDD=3.3 V±5 %, Ta=–40 °C to 85 °C)
Item
Enable True to first Clock output
Enable Pulse to end of conversion
Data out valid to CLK rising edge
Data out valid after CLK rising edge
Enable True Pulse width
Output raise time
Output fall time
Symbol
ten-clk
tdEn-EOC
tsue-d
the-d
ten-pw
tre
tfe
Condition
10 % to 90 %, Cl=15 pF
Min.
Typ.
Max.
Unit
6
µs
16.8
600
ns
600
10
µs
7.2
ns
9.9
ten-pw
ten-clk
MSB
LSB
the-d
tsue-d
tdEn-EOC
ADCENABLE
ADCCLK
ADCDATA
ADCCLK=820kHz (TCXO÷24)
Fig. 5 ADCENABLE & ADC CLK vs. ADC DATA timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com