Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA3003R Datasheet(PDF) 14 Page - Sony Corporation

Part # CXA3003R
Description  Baseband analog processing IC for dual-mode CDMA/FM cellular phone
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3003R Datasheet(HTML) 14 Page - Sony Corporation

Back Button CXA3003R Datasheet HTML 10Page - Sony Corporation CXA3003R Datasheet HTML 11Page - Sony Corporation CXA3003R Datasheet HTML 12Page - Sony Corporation CXA3003R Datasheet HTML 13Page - Sony Corporation CXA3003R Datasheet HTML 14Page - Sony Corporation CXA3003R Datasheet HTML 15Page - Sony Corporation CXA3003R Datasheet HTML 16Page - Sony Corporation CXA3003R Datasheet HTML 17Page - Sony Corporation CXA3003R Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
VHF Local Oscillator
VDD=3.3 V±5 %, Ta=–40 °C to 85 °C
—14—
CXA3003R
Item
VCO output Frequency Range
Lock mode charge pump Output
Current
Acquisition Mode charge pump
Output Current
Maximum Iout Adjustment Range
Acquisition Mode Disable Frequency
Range
Phase Detector Output Compliance
Voltage
Phase Detector Output Impedance
Reference Input Frequency
Phase Detector Frequency
Reference Spurs
Lock Detect Pull Down Voltage
Lock Detect Off Leakage Current
Phase Detect Unlock
Deviation
Threshold during FM
Rate
Tank Circuit Input Impedance
External VCO Input Levels
Symbol
fvcot
Icplt
Icpat
Icpmaxrt
∆fadt
Vopdt
Zopdt
freft
fpdt
rst
VLldt
ILedt
PDfhdt
PDfhrt
Zit
Vext
Condition
Rset=40 k
Ω
Rset=40 k
Ω
Using Rset to vary nominal
output current
Acquisition mode initiated
only by transition to any TX
active mode
Ref.frequency/16
Rload
≥10 kΩ to VDD
VO=VDD
Measured at TXIF
Nominal Impedance into
each pin
Min.
Typ.
Max.
Unit
260.76
MHz
12.4
15.5
18.6
µA
128
160
192
–40
+40
%
–1 k
+1 k
Hz
0.4
VDD–0.4
V
1 M
2 M
Ω
19.68
MHz
1.23
MHz
–80
dBc
0.4
V
10
µA
12
kHz
300
Hz
1.5 k
2 k
2.5 k
Ω
200
600
800
mVp-p
Item
VCO output Frequency Range
VCO Output Voltage
Swing at 170 MHz
Tank Circuit Input Impedance
Symbol
fvcor
Vovr
Zir
Condition
Into 500
Ω//5 pF load,
AC coupled load
Nominal impedance into
each pin
Min.
Typ.
Max.
Unit
170.76
MHz
100
147
mVrms
1.5 k
2 k
2.5 k
Ω
Receive VCO
VDD=3.3 V±5 %, Ta=–40 °C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com