Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA3003R Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA3003R
Description  Baseband analog processing IC for dual-mode CDMA/FM cellular phone
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3003R Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA3003R Datasheet HTML 3Page - Sony Corporation CXA3003R Datasheet HTML 4Page - Sony Corporation CXA3003R Datasheet HTML 5Page - Sony Corporation CXA3003R Datasheet HTML 6Page - Sony Corporation CXA3003R Datasheet HTML 7Page - Sony Corporation CXA3003R Datasheet HTML 8Page - Sony Corporation CXA3003R Datasheet HTML 9Page - Sony Corporation CXA3003R Datasheet HTML 10Page - Sony Corporation CXA3003R Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
—7—
CXA3003R
Pin
No.
38
40
to
47
48
49
50
51
52
53
to
56
57
to
60
61
62
Symbol
VDD DAC
TXD0
to
TXD7
TXCLK,
TXCLKB
GND BUF
VDD BUF
CHIP x 8
RXID0
to
RXID3
RXQD0
to
RXQD3
RXFMSTRB
FMCLK
Typical
Voltage (V)
DC
AC
3.3 V
0 V
3.3 V
Equivalent circuit
40
41
42
43
44
45
46
47
48
49
VDD DAC
GND DAC
60k
52
53
54
55
56
57
59
58
60
VDD BUF
GND BUF
VDD ADC
GND ADC
61
62
100k
Description
Positive power supply pin for
TXDA block.
Transmit Data input pins for
Transmit 8 bit D/A converter.
TXD7 is the MSB.
Differential transmit Clock input
pins for Transmit 8 bit D/A
converter.
Negative power supply pin for
A/D output block.
Positive power supply pin for
A/D output block.
Output pin for CHIPx8 divider
with a ratio of
512/1025xTCXO.
Output
pins
for
Receive
CDMA 4 bit A/D converter of I
signal. RXID3 is the MSB.
Output
pins
for
Receive
CDMA 4 bit A/D converter of Q
signal. RXQD3 is the MSB.
Strobe input pin for Receive
FM 8 bit A/D converter.
Clock input pin for Receive FM
8 bit A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com