Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA3003R Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA3003R
Description  Baseband analog processing IC for dual-mode CDMA/FM cellular phone
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3003R Datasheet(HTML) 5 Page - Sony Corporation

  CXA3003R Datasheet HTML 1Page - Sony Corporation CXA3003R Datasheet HTML 2Page - Sony Corporation CXA3003R Datasheet HTML 3Page - Sony Corporation CXA3003R Datasheet HTML 4Page - Sony Corporation CXA3003R Datasheet HTML 5Page - Sony Corporation CXA3003R Datasheet HTML 6Page - Sony Corporation CXA3003R Datasheet HTML 7Page - Sony Corporation CXA3003R Datasheet HTML 8Page - Sony Corporation CXA3003R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
—5—
CXA3003R
Pin
No.
18
19
20
21
22
23
24
Symbol
PD ISET
PD OUT
GND SYNTH
VDD SYNTH
GND TXF
VDD TXF
LOCK DET
Typical
Voltage (V)
DC
AC
0.64 V
0 V
3.3 V
0 V
3.3 V
Equivalent circuit
VDD TXF
GND TXF
18
150
VDD TXF
GND TXF
19
6.25k
150
6.25k
24
VDD SYNTH
GND SYNTH
150
Description
Current of PD OUT setting pin.
Transmit synthesizer charge
pump output pin.
Negative power supply pin for
PLL block.
Positive power supply pin for
PLL block.
Negative power supply pin for
TX block.
Positive power supply pin for
TX block.
Transmit IF synthesizer lock
detect output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com