Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9910 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AL9910
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AL9910 Datasheet HTML 2Page - Diodes Incorporated AL9910 Datasheet HTML 3Page - Diodes Incorporated AL9910 Datasheet HTML 4Page - Diodes Incorporated AL9910 Datasheet HTML 5Page - Diodes Incorporated AL9910 Datasheet HTML 6Page - Diodes Incorporated AL9910 Datasheet HTML 7Page - Diodes Incorporated AL9910 Datasheet HTML 8Page - Diodes Incorporated AL9910 Datasheet HTML 9Page - Diodes Incorporated AL9910 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AL9910/AL9910A/AL9910-5
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910/AL9910A/AL9910-5
Document number: DS35103 Rev. 7 - 2
6 of 16
www.diodes.com
February 2012
© Diodes Incorporated
Typical Characteristics (cont.) Measured using AL9910EV4
140
150
160
170
180
190
200
85
105 125
145 165 185
205 225
245 265
INPUT VOLTAGE (V
)
180mA LED Driver Output Current vs. Input Voltage
RMS
18 LEDs
16 LEDs
14 LEDs
15 LEDs
17 LEDs
80
85
90
95
105 125
145 165 185
205 225
245 265
85
INPUT VOLTAGE (V
)
180mA LED Driver Efficiency vs. Input Voltage
RMS
15 LEDs
16 LEDs
17 LEDs
18 LEDs
14 LEDs
0.7
0.75
0.8
0.85
0.9
0.95
85
105 125 145
165 185 205
225 245 265
INPUT VOLTAGE (V
)
180mA LED Driver Power Factor vs. Input Voltage
RMS
18 LEDs
17 LEDs
16 LEDs
15 LEDs
14 LEDs
4
6
8
10
12
85
105 125 145
165 185 205 225 245 265
INPUT VOLTAGE (V
)
180mA LED Driver Input Power Dissipation vs. Input Voltage
RMS
14 LEDs
15 LEDs
16 LEDs
17 LEDs
18 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com