Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9910 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AL9910
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AL9910 Datasheet HTML 4Page - Diodes Incorporated AL9910 Datasheet HTML 5Page - Diodes Incorporated AL9910 Datasheet HTML 6Page - Diodes Incorporated AL9910 Datasheet HTML 7Page - Diodes Incorporated AL9910 Datasheet HTML 8Page - Diodes Incorporated AL9910 Datasheet HTML 9Page - Diodes Incorporated AL9910 Datasheet HTML 10Page - Diodes Incorporated AL9910 Datasheet HTML 11Page - Diodes Incorporated AL9910 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AL9910/AL9910A/AL9910-5
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910/AL9910A/AL9910-5
Document number: DS35103 Rev. 7 - 2
8 of 16
www.diodes.com
February 2012
© Diodes Incorporated
Applications Information (cont.)
Setting Operating Frequency
The AL9910 is capable of operating over a 25 and 300 kHz switching frequency range. The switching frequency is
programmed by connecting an external resistor between ROSC pin and ground. The corresponding oscillator period is:
tOSC =
25
22
Rosc +
µs
with ROSC in kΩ
The switching frequency is the reciprocal of the oscillator period. Typical values for ROSC vary from 75kΩ to 1MΩ
When driving smaller numbers of LEDs, care should be taken to ensure that tON > tBLANK. The simplest way to do this is to
reduce/limit the switching frequency by increasing the ROSC value. Reducing the switching frequency will also improve the
efficiency.
When operating in buck mode the designer must keep in mind that the input voltage must be maintained higher than 2 times
the forward voltage drop across the LEDs. This limitation is related to the output current instability that may develop when the
AL9910 operates at a duty cycle greater than 0.5. This instability reveals itself as an oscillation of the output current at a sub-
harmonic (SBO) of the switching frequency.
The best solution is to adopt the so-called constant off-time operation as shown in Figure 2. The resistor (ROSC) is, connected
to ground by default, to set operating frequency. To force the AL9910 to enter constant OFF time mode ROSC is connected to
the gate of the external MOSFET. This will decrease the duty cycle from 50% by increasing the total period, tOFF + tON.
Fig. 2 Constant Off-Time Configuration
The oscillator period equation above now defines the AL9910 off time, tOFF.
When using this mode the nominal switching frequency is chosen and from the nominal input and output voltages the off-time
can be calculated:
OSC
)
nom
(
IN
)
nom
(
OUT
OFF
f
1
V
V
1
t
∗
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
From this the timing resistor, ROSC, can be calculated:
(
)
)
k
(
22
25
)
µs
(
t
R
OFF
OSC
Ω
−
∗
=
AL9910/A GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
Q1
R
OSC
V
IN
AL9910/A GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
Q1
R
OSC
V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com