Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9910 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL9910
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL9910 Datasheet HTML 7Page - Diodes Incorporated AL9910 Datasheet HTML 8Page - Diodes Incorporated AL9910 Datasheet HTML 9Page - Diodes Incorporated AL9910 Datasheet HTML 10Page - Diodes Incorporated AL9910 Datasheet HTML 11Page - Diodes Incorporated AL9910 Datasheet HTML 12Page - Diodes Incorporated AL9910 Datasheet HTML 13Page - Diodes Incorporated AL9910 Datasheet HTML 14Page - Diodes Incorporated AL9910 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AL9910/AL9910A/AL9910-5
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910/AL9910A/AL9910-5
Document number: DS35103 Rev. 7 - 2
11 of 16
www.diodes.com
February 2012
© Diodes Incorporated
Applications Information (cont.)
Input Bulk Capacitor
For Offline lamps an input bulk capacitor is required to ensure that the rectified AC voltage is held above twice the LED string
voltage throughout the AC line cycle. The value can be calculated from:
≥
IN
C
MAX
_
DC
L
MIN
_
LINE
CH
IN
V
f
2
V
2
)
D
1
(
P
Δ
×
×
×
−
×
Where
ch
D
: Capacity charge work period, generally about 0.2~0.25
L
f : Input frequency for full range (85~265VRMS)
MAX
_
DC
V
Δ
Should be set 10~15% of
MIN
_
LINE
V
2
If the capacitor has a 15% voltage ripple then a simplified formula for the minimum value of the bulk input capacitor
approximates to:
CMIN =
2
IN
LEDs
LED
V
0.06
V
I
×
×
Power Factor Correction
If power factor improvement is required then for the input power less than 25W, a simple passive power factor correction
circuit can be added to the AL9910 typical application circuit. Figure 4 shows that passive PFC circuitry (3 current steering
diodes and 2 identical capacitors) does not significantly affect the rest of the circuit. Simple passive PFC improves the line
current harmonic distortion and achieves a power factor greater than 0.85.
Fig. 4 Typical Application Circuit with Passive PFC
Each of these identical capacitors should be rated for half of the input voltage and have twice as much capacitance as the
calculated CMIN of the buck converter circuit without passive PFC (see above section on bulk capacitor calculation).
For further design information please see AN75 from the Diodes website.
R
SENSE
AL9910/A
GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
LED +
LED -
V
AC IN
Q1
L1
D1
R
OSC
C3
C4
BR1
Passive PFC
C1
C2
R
SENSE
AL9910/A
GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
LED +
LED -
V
AC IN
Q1
L1
D1
R
OSC
C3
C4
BR1
Passive PFC
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com