Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9910 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL9910
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL9910 Datasheet HTML 3Page - Diodes Incorporated AL9910 Datasheet HTML 4Page - Diodes Incorporated AL9910 Datasheet HTML 5Page - Diodes Incorporated AL9910 Datasheet HTML 6Page - Diodes Incorporated AL9910 Datasheet HTML 7Page - Diodes Incorporated AL9910 Datasheet HTML 8Page - Diodes Incorporated AL9910 Datasheet HTML 9Page - Diodes Incorporated AL9910 Datasheet HTML 10Page - Diodes Incorporated AL9910 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AL9910/AL9910A/AL9910-5
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910/AL9910A/AL9910-5
Document number: DS35103 Rev. 7 - 2
7 of 16
www.diodes.com
February 2012
© Diodes Incorporated
Applications Information
The AL9910 is very versatile and is capable of operating in isolated or non-isolated topologies. It can also be made to operate
in continuous as well as discontinuous conduction mode.
Fig. 1 Functional Block Diagram
The AL9910 contains a high voltage LDO (see figure 1) the output of the LDO provides a power rail to the internal circuitry
including the gate driver. A UVLO on the output of the LDO prevents incorrect operation at low input voltage to the VIN pin.
In a non-isolated Buck LED driver when the gate pin goes high the external power MOSFET Q1 is turned on causing current
to flow through the LEDs, inductor (L1) and current sense resistor (RSENSE). When the voltage across RSENSE exceeds the
current sense pin threshold the external MOSFET Q1 is turned off. The stored energy in the inductor causes the current to
continue to flow through the LEDs via diode D1.
The AL9910’s LDO provides all power to the rest of the IC including Gate drive this removes the need for large high power
start-up resistors. This means that operate correctly it requires around 0.5mA from the high voltage power rail. The LDO can
also be used to supply up to 1mA to external circuits.
The AL9910 operates and regulates by limiting the peak current of the external MOSFET; the peak current sense threshold is
nominally set at 250mV.
The same basic operation is true for isolated topologies, however in these the energy stored in the transformer delivers
energy to LEDs during the off-cycle of the external MOSFET.
Design Parameters
Setting the LED Current
In the non-isolated buck converter topology, figure 1, the average LED current is not the peak current divided by 2 - however,
there is a certain error due to the difference between the peak and the average current in the inductor. The following equation
accounts for this error:
()
))
I
*
5
.
0
(
I
mV
250
R
RIPPLE
LED
SENSE
+
=
.
250mV
LD
V
DD
LDO
V
IN
OTP
PWM_D
GND
7.5/10V
OSC
S
RO
R
OSC
GATE
CS
100k
V
DD
V
IN
R
SENSE
AL9910/AL9910A
250mV
LD
V
DD
LDO
V
IN
OTP
PWM_D
GND
7.5/10V
OSC
S
RO
R
OSC
GATE
CS
100k
V
DD
V
IN
R
SENSE
AL9910/AL9910A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com