Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV6416DBLL/DBLS Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61WV6416DBLL/DBLS
Description  64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV6416DBLL/DBLS Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61WV6416DBLL/DBLS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. A
11/18/2010
Copyright©2010IntegratedSiliconSolution,Inc.Allrightsreserved.ISSIreservestherighttomakechangestothisspecificationanditsproductsatanytimewithout
notice.ISSIassumesnoliabilityarisingoutoftheapplicationoruseofanyinformation,productsorservicesdescribedherein.Customersareadvisedtoobtainthelat-
estversionofthisdevicespecificationbeforerelyingonanypublishedinformationandbeforeplacingordersforproducts.
IntegratedSiliconSolution,Inc.doesnotrecommendtheuseofanyofitsproductsinlifesupportapplicationswherethefailureormalfunctionoftheproductcanreason-
ablybeexpectedtocausefailureofthelifesupportsystemortosignificantlyaffectitssafetyoreffectiveness.Productsarenotauthorizedforuseinsuchapplications
unlessIntegratedSiliconSolution,Inc.receiveswrittenassurancetoitssatisfaction,that:
a.)theriskofinjuryordamagehasbeenminimized;
b.)theuserassumeallsuchrisks;and
c.)potentialliabilityofIntegratedSiliconSolution,Incisadequatelyprotectedunderthecircumstances
IS61WV6416DALL/DALS
IS61WV6416DBLL/DBLS
IS64WV6416DBLL/DBLS
FEATURES
HIGHSPEED:(IS61/64WV6416DALL/DBLL)
• High-speedaccesstime:8,10,12,20ns
• LowActivePower:135mW(typical)
• LowStandbyPower:12µW(typical)
CMOSstandby
LOWPOWER:(IS61/64WV6416DALS/DBLS)
• High-speedaccesstime:25,35ns
• LowActivePower:55mW(typical)
• LowStandbyPower:12µW(typical)
CMOSstandby
• Singlepowersupply
—Vdd1.65Vto2.2V(IS61WV6416DAxx)
—Vdd2.4Vto3.6V(IS61/64WV6416DBxx)
• Fullystaticoperation:noclockorrefresh
required
• Threestateoutputs
• Datacontrolforupperandlowerbytes
• IndustrialandAutomotivetemperaturesupport
• Lead-freeavailable
64K x 16 HIGH SPEED ASYNCHRONOUS
CMOS STATIC RAM
DESCRIPTION
The
ISSIIS61WV6416DAxx/DBxxandIS64WV6416DBxx
arehigh-speed,1,048,576-bitstaticRAMsorganizedas
65,536wordsby16bits.Itisfabricatedusing
ISSI'shigh-
performanceCMOStechnology.Thishighlyreliableprocess
coupledwithinnovativecircuitdesigntechniques,yields
high-performanceandlowpowerconsumptiondevices.
When CE is HIGH (deselected), the device assumes a
standbymodeatwhichthepowerdissipationcanbere-
duceddownwithCMOSinputlevels.
EasymemoryexpansionisprovidedbyusingChipEnable
andOutputEnableinputs,CEandOE.TheactiveLOW
WriteEnable(WE)controlsbothwritingandreadingofthe
memory.AdatabyteallowsUpperByte(UB)andLower
Byte(LB)access.
The IS61WV6416DAxx/DBxx and IS64WV6416DBxx
arepackagedintheJEDECstandard44-pinTSOPType
II, 44-pin 400-mil SOJand 48-pin Mini BGA (6mm x
8mm).
FUNCTIONAL BLOCK DIAGRAM
A0-A15
CE
OE
WE
64K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
JANUARY 2011


Similar Part No. - IS61WV6416DBLL/DBLS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV6416DBLL ISSI-IS61WV6416DBLL Datasheet
664Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
A1 03/06/2020
IS61WV6416DBLL-10BLI ISSI-IS61WV6416DBLL-10BLI Datasheet
664Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
A1 03/06/2020
IS61WV6416DBLL-10KLI ISSI-IS61WV6416DBLL-10KLI Datasheet
664Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
A1 03/06/2020
IS61WV6416DBLL-10TLI ISSI-IS61WV6416DBLL-10TLI Datasheet
664Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
A1 03/06/2020
IS61WV6416DBLL-8BLI ISSI-IS61WV6416DBLL-8BLI Datasheet
664Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
A1 03/06/2020
More results

Similar Description - IS61WV6416DBLL/DBLS

ManufacturerPart #DatasheetDescription
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com