Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV6416DBLL/DBLS Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS61WV6416DBLL/DBLS
Description  64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV6416DBLL/DBLS Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS61WV6416DBLL/DBLS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
11/18/2010
IS61WV6416DALL/DALS, IS61WV6416DBLL/DBLS,
IS64WV6416DBLL/DBLS
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (OverOperatingRange)
-8
-10
-12
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Unit
twc
WriteCycleTime
8
—
10
—
12
—
ns
tsce
CE
toWriteEnd
6.5
—
8
—
9
—
ns
tAw
AddressSetupTime
6.5
—
8
—
9
—
ns
toWriteEnd
tHA
AddressHoldfromWriteEnd
0
—
0
—
0
—
ns
tsA
AddressSetupTime
0
—
0
—
0
—
ns
tPwb
LB
,UBValidtoEndofWrite
6.5
—
8
—
9
—
ns
tPwe1
WE
PulseWidth
6.5
—
8
—
9
—
ns
tPwe2
WE
PulseWidth(OE=LOW)
8.0
—
10
—
11
—
ns
tsd
DataSetuptoWriteEnd
5
—
6
—
9
—
ns
tHd
DataHoldfromWriteEnd
0
—
0
—
0
—
ns
tHzwe(2)
WE
LOWtoHigh-ZOutput
—
3.5
—
5
—
6
ns
tLzwe(2)
WE
HIGHtoLow-ZOutput
2
—
2
—
3
—
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof3nsorless,timingreferencelevelsof1.5V,inputpulselevelsof0Vto3.0V
andoutputloadingspecifiedinFigure1.
2. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
3. TheinternalwritetimeisdefinedbytheoverlapofCELOWandUBorLB,andWELOW.Allsignalsmustbeinvalidstates
toinitiateaWrite,butanyonecangoinactivetoterminatetheWrite.TheDataInputSetupandHoldtimingarereferencedto
therisingorfallingedgeofthesignalthatterminatesthewrite.Shadedareaproductindevelopment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com