Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV6416DBLL/DBLS Datasheet(PDF) 16 Page - Integrated Silicon Solution, Inc

Part # IS61WV6416DBLL/DBLS
Description  64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV6416DBLL/DBLS Datasheet(HTML) 16 Page - Integrated Silicon Solution, Inc

Back Button IS61WV6416DBLL/DBLS Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 20Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
11/18/2010
IS61WV6416DALL/DALS, IS61WV6416DBLL/DBLS,
IS64WV6416DBLL/DBLS
DATA RETENTION WAVEFORM (CEControlled)
HIGH SPEED (IS61WV6416DALL/DBLL)
DATA RETENTION SWITCHING CHARACTERISTICS (2.4V-3.6V)
Symbol
Parameter
Test Condition
Options
Min.
Typ.(1)
Max.
Unit
Vdr
VddforDataRetention
SeeDataRetentionWaveform
2.0
—
3.6
V
Idr
DataRetentionCurrent
Vdd=2.0V,CE≥Vdd–0.2V
Com.
—
4
40
µA
Ind.
—
—
55
Auto.
90
tsdr
DataRetentionSetupTime SeeDataRetentionWaveform
0
—
—
ns
trdr
RecoveryTime
SeeDataRetentionWaveform
trc
—
—
ns
Note 1:TypicalvaluesaremeasuredatVdd=3.0V,TA = 25oc andnot100%tested.
VDD
CE
≥ VDD - 0.2V
tSDR
tRDR
VDR
CE
GND
Data Retention Mode
DATA RETENTION SWITCHING CHARACTERISTICS (1.65V-2.2V)
Symbol
Parameter
Test Condition
Options
Min.
Typ.(1)
Max.
Unit
Vdr
VddforDataRetention
SeeDataRetentionWaveform
1.2
—
3.6
V
Idr
DataRetentionCurrent
Vdd=1.2V,CE≥Vdd–0.2V
Com.
—
4
40
µA
Ind.
—
—
55
Auto.
—
—
90
tsdr
DataRetentionSetupTime SeeDataRetentionWaveform
0
—
—
ns
trdr
RecoveryTime
SeeDataRetentionWaveform
trc
—
—
ns
Note 1:TypicalvaluesaremeasuredatVdd=1.8V,TA = 25oc andnot100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com