Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV6416DBLL/DBLS Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61WV6416DBLL/DBLS
Description  64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV6416DBLL/DBLS Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61WV6416DBLL/DBLS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV6416DBLL/DBLS Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev. A
11/18/2010
1
2
3
4
5
6
7
8
9
10
11
12
IS61WV6416DALL/DALS, IS61WV6416DBLL/DBLS,
IS64WV6416DBLL/DBLS
OPERATING RANGE (VDD) (IS61WV6416DBLL)(1)
Range
Ambient Temperature
VDD (8 nS)1
VDD (10 nS)1
Commercial
0°Cto+70°C
3.3V+5%
2.4V-3.6V
Industrial
–40°Cto+85°C
3.3V+5%
2.4V-3.6V
Note:
1.Whenoperatedintherangeof2.4V-3.6V,thedevicemeets10ns.Whenoperatedintherange
of3.3V+5%,thedevicemeets8ns.
OPERATING RANGE (VDD) (IS64WV6416DBLL)
Range
Ambient Temperature
VDD (10 nS)
Automotive
–40°Cto+125°C
2.4V-3.6V
HIGH SPEED (IS61WV6416DALL/DBLL)
OPERATING RANGE (VDD) (IS61WV6416DALL)
Range
Ambient Temperature
VDD
Speed
Commercial
0°Cto+70°C
1.65V-2.2V
20ns
Industrial
–40°Cto+85°C
1.65V-2.2V
20ns
Automotive
–40°Cto+125°C
1.65V-2.2V
20ns
POWER SUPPLY CHARACTERISTICS(1) (OverOperatingRange)
-8
-10
-12
-20
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
Icc
VddDynamicOperating Vdd = Max.,
Com.
—65
—50
—45
—40
mA
SupplyCurrent
Iout = 0 mA,f=fmAX
Ind.
—70
—55
—50
—45
CE
=VIL
Auto.(3)
——
—65
—55
—50
VIn ≥ Vdd – 0.3V, or
typ.(2)
45 45
45
VIn ≤ 0.4V
Isb2
CMOSStandby
Vdd = Max.,
Com.
—
40
—
40
—
40
—40
µA
Current(CMOSInputs) CE≥Vdd – 0.2V,
Ind.
—
55
—
55
—
55
—
55
VIn ≥ Vdd – 0.2V, or
Auto.
——
—90
—
90
—
90
VIn ≤ 0.2V, f=0
typ.(2)
44
4
Note:
1.Atf=fmAX,addressanddatainputsarecyclingatthemaximumfrequency,f=0meansnoinputlineschange.
2.TypicalvaluesaremeasuredatVdd=3.0V,TA=25oCandnot100%tested.
3.ForAutomotivegradeat15ns,typ.Icc=38mA,not100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com