Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8521 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8521
Description  3A Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8521 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8521 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV2.0
Page4
BL8521
5.5V, 1.4MHz, 3A Synchronous Buck Converter
APPLICATION INFORMATION
The basic BL8521 application circuit is shown in
Typical Application Circuit. External component
selection is determined by the maximum load
current and begins with the selection of the
inductor value and operating frequency followed
by CIN and COUT.
Output Voltage Programming
The output voltage is set by an external resistive
divider according to the following equation:
VOUT =VREF×(1+R1/R2),
where VREF equals to 0.8V typical.
RT Pin Resistor Selection to set Frequency
The resistor connected between RT pin and Gnd
is used to set the oscillation frequency of BL8521.
The relation between RT resistor and frequency is
shown below:
Inductor Selection
For a given input and output voltage, the inductor
value and operating frequency determine the
ripple current. The ripple current
IL increases
with
higher
VIN and
decreases
with
higher
inductance.
ΔI= [VOUT/( f×L)] ×[1- VOUT/VIN]
Having a lower ripple current reduces the ESR
losses in the output capacitors and the output
voltage ripple. Highest efficiency operation is
achieved at low frequency with small ripple
current. This, however, requires a large inductor.
A reasonable starting point for selecting the ripple
current is
I = 0.4(IMAX). The largest ripple current
occurs at the highest VIN. To guarantee that the
ripple current stays below a specified maximum,
the inductor value should be chosen according to
the following equation :
L=[VOUT/ f
× ΔIL(MAX)] ×[ 1- VOUT /VIN(MAX)]
Inductor Core Selection
Once the value for L is known, the type of inductor
must
be
selected.
High
efficiency
converters
generally cannot afford the core loss found in low
cost powdered iron cores, forcing the use of more
expensive ferrite or mollypermalloy cores. Actual
core loss is independent of core size for a fixed
inductor value but it is very dependent on the
inductance selected. As the inductance increases,
core losses decrease. Unfortunately, increased
inductance requires more turns of wire and therefore
copper losses will increase.
Ferrite designs have very low core losses and are
preferred at high switching frequencies, so design
goals
can
concentrate
on
copper
loss
and
preventing saturation. Ferrite core material saturates
“hard”, which means that inductance collapses
abruptly when the peak design current is exceeded.
This results in an abrupt increase in inductor ripple
current and consequent output voltage ripple.
Do not allow the core to saturate!
Different core materials and shapes will change the
size/ current and price/current relationship of an
inductor. Toroid or shielded pot cores in ferrite or
permalloy materials are small and don't radiate
energy but generally cost more than powdered iron
core inductors with similar characteristics. The
choice of which style inductor to use mainly depends
on the price vs. size requirements and any radiated
field/EMI requirements.
CIN and COUT Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the top MOSFET.
To prevent large ripple voltage, a low ESR input
capacitor sized for the maximum RMS current
should be used.
Several capacitors may also be paralleled to meet
size or height requirements in the design.
The selection of COUT is determined by the effective
series resistance (ESR) that is required to minimize
voltage ripple and load step transients, as well as
the amount of bulk capacitance that is necessary to
ensure that the control loop is stable. Loop stability
can be checked by viewing the load transient
response as described in a later section.
Multiple capacitors placed in parallel may be needed
to meet the ESR and RMS current handling



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com