Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8521 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8521
Description  3A Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8521 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8521 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV2.0
Page1
BL8521
5.5V, 1.4MHz,
3A Synchronous Buck Converter
DESCRIPTION
The BL8521 is a synchronous, 1.4MHz, fix
frequency PWM Buck converter. It is ideal for
powering portable equipment that powered by
a single cell Lithium-ion batter, or USB port.
The BL8521 can provide up to 3A of load
current with output voltage as low as 0.8V. It
can operate at 100% duty cycle for low
dropout application.
With its peak current mode control and
outside compensation, the BL8521 is stable
with ceramic capacitors and small inductors.
BL8521 comprises a cycle-by-cycle current
limit and thermal shutdown to protect itself
from fault application.
BL8521 is available in DFN 3x3 -10 package.
FEATURES
 Adjustable Output Voltage, 0.8 - Vin
 High efficiency, up to 96%
 Output voltage accuracy 2%
 0.1ohm Rdson of internal MOSFET
 3A maximum output current
 Up to 1.5MHz fix switching frequency
 5.5V maximum operation voltage
 Short circuit protection
 Thermal shutdown protection
 10mV Load regulation at 3A load
 Compatible with ceramic output capacitor
 Excellent load transient performance
 In-rush current suppression
 Reverse current suppression for light load
 Available in DFN3x3-10 package
APPLICATIONS
 3G network modem
 Smart phone, PDA
 Digital camera
 LCDTV
 Portable devices
TYPICAL APPLICATION


Similar Part No. - BL8521

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
BL8526 BELLING-BL8526 Datasheet
562Kb / 6P
2A 1.4M 5.5V Synchronous Buck Converter
BL8528 BELLING-BL8528 Datasheet
633Kb / 8P
The BL8528 is a synchronous
BL8529 BELLING-BL8529 Datasheet
771Kb / 5P
3A 1.5MHz 5.5V Synchronous Buck Converter
More results

Similar Description - BL8521

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
525Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
3A, 12V, Synchronous-Rectified Buck Converter
logo
ACE Technology Co., LTD...
ACE723A ACE-ACE723A Datasheet
643Kb / 8P
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
logo
Anpec Electronics Corop...
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
3A, 12V, Synchronous-Rectified Buck Converter
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
logo
Seaward Electronics Inc...
SE1484 SEAWARD-SE1484 Datasheet
670Kb / 8P
3A 27V Synchronous Buck Converter
logo
E-CMOS Corporation
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
3A 28V Synchronous Buck Converter
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
3A 27V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5523 DIODES-LSP5523 Datasheet
836Kb / 17P
3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com