Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8521 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8521
Description  3A Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8521 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8521 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV2.0
Page3
BL8521
5.5V, 1.4MHz, 3A Synchronous Buck Converter
ABSOLUTE MAXIMUM RATING
Supply Input Voltage, VDD, PVDD --------------------------------------------------------------------------
0.3V to 6V 
LX Pin Switch Voltage --------------------------------------------------------------------------
0.3V to (PVDD + 0.3V)
Other I/O Pin Voltages ----------------------------------------------------------------------------
0.3V to (VDD + 0.3V) 
LX Pin Switch Current ---------------------------------------------------------------------------------------------------- 3.5A
Power Dissipation, PD @ TA = 25
C ,DFN-10L 3x3 ----------------------------------------------------------- 900mW
Package Thermal Resistance,DFN-10L3x3,
θJA ------------------------------------------------------------- 110
C/W
Junction Temperature --------------------------------------------------------------------------------------------------- 150
C
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------------- 260
C
Storage Temperature Range -----------------------------------------------------------------------------
65C to 150C
ESD HBM (Human Body Mode) ----------------------------------------------------------------------------------------- 2kV
RECOMMENDED OPERATING CONDITIONS
Supply Input Voltage ----------------------------------------------------------------------------------------- 3.6 to 5.5V
Output Voltage Range ----------------------------------------------------------------------------------------0.8V to Vin
Junction Temperature Range -------------------------------------------------------------------------
40C to 125C 
Ambient Temperature Range ---------------------------------------------------------------------------
40C to 85C
ELECTRICAL CHARACTERISTICS
(VDD=5V, TA=25C, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDD_Max
Maximum Input Voltage
5.5
V
IIN
Supply Current
Vfb=0.9
500
1000
A
In Shutdown
1
A
LSON
Low side NMOS Rdson
100
200
m
HSON
High side PMOS Rdson
100
220
m
Vref
Feedback Voltage
0.784
0.8
0.816
V
Ifb
Feedback Leakage current
-5
0.1
5
A
REGlin
Line Regulation
Vin=4V to 5.5V
0
0.1
0.3
%/V
REGload
Load Regulation
Iout=1 to 3A
0
0.03
0.1
%/A
Fsoc
Switching Frequency
RRT=180K
1.44
1.8
2.16
MHz
RRT=330K
0.86
1.15
1.44
MHz
Ilimit
Peak Current Limit
3.2
4
A
SHDN_V
Shutdown Voltage
Vin-0.7V
Vin
V
UVLO_rise
Power on minimum Vin
voltage
Increase Vin until IC work
3.42
3.6
3.78
V
UVLO_fall
Power off Vin under voltage
lock out
Decrease Vin until IC shut
off
1.98
2.37
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com