Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL8521 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8521
Description  3A Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8521 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8521 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8521 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV2.0
Page2
BL8521
5.5V, 1.4MHz, 3A Synchronous Buck Converter
BLOCK DIAGRAM
PIN CONFIGURATION
DFN3x3-10
PIN NO. PIN NAME
PIN FUNCTION
1
SHDN/RT
Oscillator Resistor Input. Connecting a resistor to ground from this pin sets the switching
frequency. Forcing this pin to VDD causes the device to be shut down.
2
GND
Signal Ground. All small-signal components and compensation components should connect to
this ground, which in turn connects to PGND at one point.
3,4
LX
Internal Power MOSFET Switches Output. Connect this pin to the inductor.
5
PGND
Power Ground. Connect this pin close to the negative terminal of CIN and COUT.
6,7
PVDD
Power Input Supply. Decouple this pin to PGND with a capacitor.
8
VDD
Signal Input Supply. Decouple this pin to GND with a capacitor. Normally VDD is equal to
PVDD.
9
FB
Feedback Pin. This pin Receives the feedback voltage from a resistive divider connected
across the output.
10
COMP
Error Amplifier Compensation Point. The current comparator threshold increases with this
control voltage. Connect external compensation elements to this pin to stabilize the control
loop.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com