Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS63WV1288DALL/DALS Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS63WV1288DALL/DALS
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63WV1288DALL/DALS Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS63WV1288DALL/DALS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev.  B
12/15/2011
Copyright©2011IntegratedSiliconSolution,Inc.Allrightsreserved.ISSIreservestherighttomakechangestothisspecificationanditsproductsatanytimewithoutnotice.ISSI
assumesnoliabilityarisingoutoftheapplicationoruseofanyinformation,productsorservicesdescribedherein.Customersareadvisedtoobtainthelatestversionofthisdevice
specificationbeforerelyingonanypublishedinformationandbeforeplacingordersforproducts.
IntegratedSiliconSolution,Inc.doesnotrecommendtheuseofanyofitsproductsinlifesupportapplicationswherethefailureormalfunctionoftheproductcanreasonablybeex-
pectedtocausefailureofthelifesupportsystemortosignificantlyaffectitssafetyoreffectiveness.ProductsarenotauthorizedforuseinsuchapplicationsunlessIntegratedSilicon
Solution,Inc.receiveswrittenassurancetoitssatisfaction,that:
a.)theriskofinjuryordamagehasbeenminimized;
b.)theuserassumeallsuchrisks;and
c.)potentialliabilityofIntegratedSiliconSolution,Incisadequatelyprotectedunderthecircumstances
IS63WV1288DALL/DALS
IS63WV1288DBLL/DBLS
IS64WV1288DBLL/DBLS
128K x 8  HIGH-SPEED CMOS STATIC RAM
FEATURES
HIGHSPEED:(IS63/64WV1288DALL/DBLL)
• High-speedaccesstime:8,10,12,20ns
• LowActivePower:135mW(typical)
• LowStandbyPower:12µW(typical)
CMOSstandby
LOWPOWER:(IS63/64WV1288DALS/DBLS)
• High-speedaccesstime:25,35ns
• LowActivePower:55mW(typical)
• LowStandbyPower:12µW(typical)
CMOSstandby
• Singlepowersupply
—Vdd1.65Vto2.2V(IS63WV1288DAxx)
—Vdd2.4Vto3.6V(IS63/64WV1288DBxx)
• Multiplecenterpowerandgroundpinsfor
greaternoiseimmunity
• EasymemoryexpansionwithCE andOE options
• CEpower-down
• Fullystaticoperation:noclockorrefresh
required
• TTLcompatibleinputsandoutputs
• Lead-freeavailable
DESCRIPTION
The
ISSIIS63/64WV1288Dxxxisaveryhigh-speed,
lowpower,131,072-wordby8-bitCMOSstaticRAM.
TheIS63/64WV1288DBLLisfabricatedusing
ISSI's
high-performanceCMOStechnology.Thishighlyreliable
processcoupledwithinnovativecircuitdesign
techniques,yieldshigherperformanceandlowpower
consumptiondevices.
When CE isHIGH(deselected),thedeviceassumesa
standbymodeatwhichthepowerdissipationcanbere-
duceddownto25µW(typical)withCMOSinputlevels.
TheIS63/64WV1288DBLLoperatesfromasingleVdd
powersupply.TheIS63/64WV1288Dxxxisavailablein
32-pinTSOP(TypeII),32-pinsTSOP(TypeI),48-Ball
miniBGA(6mmx8mm),32-pinSOJ(400-mil)and32-
pinSOJ(300-mil)packages.
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE
OE
WE
128K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
DECEMBER 2011


Similar Part No. - IS63WV1288DALL/DALS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63WV1288DALL ISSI-IS63WV1288DALL Datasheet
562Kb / 19P
128K x 8 HIGH-SPEED CMOS STATIC RAM
B2 06/28/2021
IS63WV1288DALL ISSI-IS63WV1288DALL_V01 Datasheet
562Kb / 19P
128K x 8 HIGH-SPEED CMOS STATIC RAM
B2 06/28/2021
More results

Similar Description - IS63WV1288DALL/DALS

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
128K X 8 High Speed CMOS Static RAM
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
128K X 8 High Speed CMOS Static RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com