Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS63WV1288DALL/DALS Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS63WV1288DALL/DALS
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63WV1288DALL/DALS Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS63WV1288DALL/DALS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev. B
12/15/2011
IS63WV1288DALL/DALS
IS63WV1288DBLL/DBLS
IS64WV1288DBLL/DBLS
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 2.4V-3.6V
  Symbol  Parameter 
Test Conditions 
Min. 
Max. 
Unit
  Voh
OutputHIGHVoltage
Vdd = Min.,Ioh = –1.0mA
1.8
—
V
Vol
OutputLOWVoltage
Vdd = Min.,Iol = 1.0mA
—
0.4
V
VIh
InputHIGHVoltage
2.0
Vdd + 0.3
V
VIl
InputLOWVoltage(1)
–0.3
0.8
V
IlI
InputLeakage
GND≤ VIn ≤ Vdd
–1
1
µA
Ilo
OutputLeakage
GND≤ Vout ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. VIl (min.)= –0.3VDC;VIl(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIh (max.)= Vdd +0.3V dc;VIh (max.)= Vdd +2.0V Ac(pulsewidth<10ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 3.3V + 5%
  Symbol  Parameter 
Test Conditions 
Min. 
Max. 
Unit
  Voh
OutputHIGHVoltage
Vdd = Min.,Ioh = –4.0mA
2.4
—
V
Vol
OutputLOWVoltage
Vdd = Min.,Iol = 8.0mA
—
0.4
V
VIh
InputHIGHVoltage
2
Vdd + 0.3
V
VIl
InputLOWVoltage(1)
–0.3
0.8
V
IlI
InputLeakage
GND≤VIn ≤ Vdd
–1
1
µA
Ilo
OutputLeakage
GND≤Vout ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. VIl (min.)= –0.3VDC;VIl(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIh (max.)= Vdd +0.3V dc;VIh (max.)= Vdd +2.0V Ac(pulsewidth<10ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS(OverOperatingRange)
VDD = 1.65V-2.2V
  Symbol  Parameter 
Test Conditions 
VDD 
Min. 
Max. 
Unit
  Voh
OutputHIGHVoltage
Ioh = -0.1mA
1.65-2.2V
1.4
—
V
Vol
OutputLOWVoltage
Iol = 0.1mA
1.65-2.2V
—
0.2
V
VIh
InputHIGHVoltage
1.65-2.2V
1.4
Vdd + 0.2
V
VIl(1)
InputLOWVoltage
1.65-2.2V
–0.2
0.4
V
IlI
InputLeakage
GND≤ VIn ≤ Vdd
–1
1
µA
Ilo
OutputLeakage
GND≤ Vout ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. VIl (min.)= –0.3VDC;VIl(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIh (max.)= Vdd +0.3V dc;VIh (max.)= Vdd +2.0V Ac(pulsewidth<10ns).Not100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com