Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS63WV1288DALL/DALS Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS63WV1288DALL/DALS
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63WV1288DALL/DALS Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS63WV1288DALL/DALS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. B
12/15/2011
IS63WV1288DALL/DALS
IS63WV1288DBLL/DBLS
IS64WV1288DBLL/DBLS
AC TEST LOADS
Figure 1.
R1
5 pF
Including
jig and
scope
R2
OUTPUT
VTM
Figure 2.
ZO = 50
Ω
VDD/2
50
Ω
OUTPUT
30 pF
Including
jig and
scope
AC TEST CONDITIONS
  Parameter 
Unit 
Unit 
Unit 
 
 
   
(2.4V-3.6V) 
(3.3V + 5%) 
(1.65V-2.2V)
  InputPulseLevel
0.4VtoVdd-0.3V
0.4VtoVdd-0.3V
0.4VtoVdd-0.3V
InputRiseandFallTimes
1V/ns
1V/ns
1V/ns
InputandOutputTiming
VDD/2
VDD+0.05
0.9V
andReferenceLevel(VRef)2
OutputLoad
SeeFigures1and2
SeeFigures1and2
SeeFigures1and2
R1( Ω )
1909
317
13500
R2( Ω )
1105
351
10800
Vtm(V)
3.0V
3.3V
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com