Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS63WV1288DALL/DALS Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS63WV1288DALL/DALS
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63WV1288DALL/DALS Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS63WV1288DALL/DALS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. B
12/15/2011
IS63WV1288DALL/DALS
IS63WV1288DBLL/DBLS
IS64WV1288DBLL/DBLS
READ CYCLE SWITCHING CHARACTERISTICS(1) (OverOperatingRange)
 
 
-8 ns 
-10 ns 
-12 ns 
  Symbol 
Parameter 
 
 
Min. 
Max. 
Min. 
Max. 
Min. 
Max. 
Unit
trc
ReadCycleTime
8
—
10
—
12
—
ns
tAA
AddressAccessTime
—
8
—
10
—
12
ns
tohA
OutputHoldTime
2
—
2
—
2
—
ns
tAce
CE
AccessTime
—
8
—
10
—
12
ns
tdoe
OE
AccessTime
—
4
—
5
—
6
ns
tlzoe(2)
OE
toLow-ZOutput
0
—
0
—
0
—
ns
thzoe(2)
OE
toHigh-ZOutput
0
4
0
5
0
6
ns
tlzce(2)
CE
toLow-ZOutput
3
—
3
—
3
—
ns
thzce(2)
CE
toHigh-ZOutput
0
4
0
5
0
6
ns
tPu
CE
toPowerUpTime
0
—
0
—
0
—
ns
tPd
CE
toPowerDownTime
—
8
—
10
—
12
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof3nsorless,timingreferencelevelsof1.5V,inputpulselevelsof0to3.0Vload-
ingspecifiedinFigure1.
2. TestedwiththeloadingspecifiedinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
READ CYCLE SWITCHING CHARACTERISTICS(1) (OverOperatingRange)
   
                                              
      -20 ns 
  -25 ns  
  -35 ns 
  -45 ns 
  Symbol  Parameter 
 
Min.  Max. 
Min.    Max. 
Min.   Max. 
Min.    Max. 
Unit
trc
ReadCycleTime
20—
25—
35—
45—
ns
tAA
AddressAccessTime
—20
—25
—35
—45
ns
tohA
OutputHoldTime
2.5—
6—
8—
10—
ns
tAce
CE
AccessTime
—20
—25
—35
—45
ns
tdoe
OE
AccessTime
—8
—12
—15
—20
ns
thzoe(2)
OE
toHigh-ZOutput
08
08
010
0
15
ns
tlzoe(2)
OE
toLow-ZOutput
0—
0—
0—
0
—
ns
thzce(2
CE
toHigh-ZOutput
08
08
010
0
15
ns
tlzce(2)
CE
toLow-ZOutput
3—
10—
10—
10—
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof1.5nsorless,timingreferencelevelsof1.25V,inputpulselevelsof0.4Vto
Vdd-0.3VandoutputloadingspecifiedinFigure1a.
2. TestedwiththeloadinFigure1b.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
3. Not100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com