Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66/67WV51216DBLL Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS66/67WV51216DBLL
Description  8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66/67WV51216DBLL Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS66/67WV51216DBLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com
Rev.  A
06/28/2011
IS66WV51216DALL
IS66/67WV51216DBLL
PIN CONFIGURATIONS:
48-Ball mini BGA (6mm x 8mm)
PIN DESCRIPTIONS
A0-A18
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
CS1
, CS2
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
LB
Lower-byte Control (I/O0-I/O7)
UB
Upper-byte Control (I/O8-I/O15)
NC
No Connection
Vdd
Power
GND
Ground
1
2
3
4
5
6
A
B
C
D
E
F
G
H
LB
OE
A0
A1
A2
CS2
I/O8
UB
A3
A4
CS1
I/O0
I/O9
I/O10
A5
A6
I/O1
I/O2
GND
I/O11
A17
A7
I/O3
VDD`
VDD
I/O12
NC
A16
I/O4
GND
I/O14
I/O13
A14
A15
I/O5
I/O6
I/O15
NC
A12
A13
WE
I/O7
A18
A8
A9
A10
A11
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A4
A3
A2
A1
A0
CS1
I/O0
I/O1
I/O2
I/O3
VDD
GND
I/O4
I/O5
I/O6
I/O7
WE
A16
A15
A14
A13
A12
A5
A6
A7
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
GND
VDD
I/O11
I/O10
I/O9
I/O8
A18
A8
A9
A10
A11
A17
44-Pin TSOP (Type II)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com