Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66/67WV51216DBLL Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS66/67WV51216DBLL
Description  8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66/67WV51216DBLL Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS66/67WV51216DBLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev.  A
06/28/2011
IS66WV51216DALL
IS66/67WV51216DBLL
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Vdd = 2.5V-3.6V
  Symbol  Parameter 
Test Conditions 
Vdd 
Min. 
Max. 
Unit
  VoH
Output HIGH Voltage
IoH = -1 mA
2.5-3.6V
2.2
—
V
VoL
Output LOW Voltage
IoL = 2.1 mA
2.5-3.6V
—
0.4
V
VIH
Input HIGH Voltage(1)
2.5-3.6V
2.2
Vdd + 0.3
V
VIL
Input LOW Voltage(1)
2.5-3.6V
–0.2
0.6
V
ILI
Input Leakage
GND ≤ VIn ≤ Vdd
–1
1
μA
ILo
Output Leakage
GND ≤ Vout ≤ Vdd, Outputs Disabled
–1
1
μA
Notes:
1. VILL (min.) = –2.0V AC (pulse width < 10ns). Not 100% tested.
VIHH (max.) = Vdd + 2.0V AC (pulse width < 10ns). Not 100% tested.
ABSOLUTE MAXIMUM RATINGS(1)
  Symbol 
Parameter 
Value 
Unit
  Vterm
Terminal Voltage with Respect to GND
–0.2 to Vdd+0.3
V
tBIAS
Temperature Under Bias
–40 to +85
°C
Vdd
Vdd Related to GND
–0.2 to +3.8
V
tStg
Storage Temperature
–65 to +150
°C
Pt
Power Dissipation
1.0
W
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Vdd = 1.7V-1.95V
  Symbol  Parameter 
Test Conditions 
Vdd 
Min. 
Max. 
Unit
  VoH
Output HIGH Voltage
IoH = -0.1 mA
1.7-1.95V
1.4
—
V
VoL
Output LOW Voltage
IoL = 0.1 mA
1.7-1.95V
—
0.2
V
VIH
Input HIGH Voltage(1)
1.7-1.95V
1.4
Vdd + 0.2
V
VIL
Input LOW Voltage(1)
1.7-1.95V
–0.2
0.4
V
ILI
Input Leakage
GND ≤ VIn ≤ Vdd
–1
1
μA
ILo
Output Leakage
GND ≤ Vout ≤ Vdd, Outputs Disabled
–1
1
μA
Notes:
1. VILL (min.) = –1.0V AC (pulse width < 10ns). Not 100% tested.
VIHH (max.) = Vdd + 1.0V AC (pulse width < 10ns). Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com