Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66/67WV51216DBLL Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS66/67WV51216DBLL
Description  8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66/67WV51216DBLL Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS66/67WV51216DBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev.  A
06/28/2011
IS66WV51216DALL
IS66/67WV51216DBLL
2.5V-3.6V POWER SUPPLY CHARACTERISTICS (Over Operating Range)
Symbol  Parameter 
Test Conditions 
 
 
 
Max. 
 
Unit
   
 
 
 
 
 
55ns 
Icc
Vdd Dynamic Operating Vdd = Max.,
Com.
25
mA
Supply Current
Iout = 0 mA, f = fmAX
Ind.
28
All Inputs 0.4V
Auto.
35
or Vdd – 0.3V
typ.(2)
15
Icc1
Operating Supply
Vdd = Max., CS1 = 0.2V Com.
5
mA
Current
WE
= Vdd – 0.2V
Ind.
5
CS2 = Vdd – 0.2V, f = 1mHzAuto.
10
ISB1
TTL Standby Current
Vdd = Max.,
Com.
0.6
mA
(TTL Inputs)
VIn = VIH or VIL
Ind.
0.6
CS1
= VIH , CS2 = VIL,
Auto.
1
f = 1 MHz
   
OR
ULB Control
Vdd = Max., VIn = VIH or VIL
CS1
= VIL, f = 0, UB = VIH, LB = VIH
ISB2
CMOS Standby
Vdd = Max.,
Com.
100
μA
Current (CMOS Inputs)
CS1 ≥
Vdd – 0.2V,
Ind.
130
CS2 ≤ 0.2V,
Auto.
150
VIn ≥ Vdd – 0.2V, or
typ.(2)
75
VIn ≤ 0.2V, f = 0
   
OR
ULB Control
Vdd = Max., CS1 = VIL, cS2=VIH
VIn ≥ Vdd – 0.2V, or VIn ≤ 0.2V, f = 0;
UB
/ LB = Vdd – 0.2V
Note:
1. At f = fmAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at Vdd = 3.0V, TA = 25oC and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com