Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66/67WV51216DBLL Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS66/67WV51216DBLL
Description  8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66/67WV51216DBLL Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS66/67WV51216DBLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev.  A
06/28/2011
IS66WV51216DALL
IS66/67WV51216DBLL
TRUTH TABLE
   
 
 
 
 
 
I/O PIN
  Mode 
WE
  CS1  CS2 
OE
 
LB
UB
 
I/O0-I/O7 
I/O8-I/O15  Vdd Current 
  Not Selected
X
H
X
X
X
X
High-Z
High-Z
ISB1, ISB2
X
X
L
X
X
X
High-Z
High-Z
ISB1, ISB2
X
X
X
X
H
H
High-Z
High-Z
ISB1, ISB2
Output Disabled
H
L
H
H
L
X
High-Z
High-Z
Icc
H
L
H
H
X
L
High-Z
High-Z
Icc
Read
H
L
H
L
L
H
dout
High-Z
Icc
H
L
H
L
H
L
High-Z
dout
H
L
H
L
L
L
dout
dout
Write
L
L
H
X
L
H
dIn
High-Z
Icc
L
L
H
X
H
L
High-Z
dIn
L
L
H
X
L
L
dIn
dIn
OPERATING RANGE (Vdd)
   
 
IS66WV51216DALL 
IS66WV51216DBLL 
IS67WV51216DBLL 
  Range 
Ambient Temperature 
(70ns) 
(55ns, 70ns) 
(55ns, 70ns)
  Industrial
–40°C to +85°C
1.7V - 1.95V
2.5V - 3.6V
–
  Automotive, A1 –40°C to +85°C
–
–
2.5V - 3.6V
Automotive, A2 –40°C to +105°C
–
–
2.5V - 3.6V
Note:
CS2 input signal pin is only available for 48-ball mini BGA package parts. CS2 input is internally enabled for 44-pin TSOP-II pack-
age parts.
POWER-UP INITIALIzATION
IS66WV512616DALL/DBLL and IS67WV512616DBLL include an on-chip voltage sensor used to launch the power-up initialization
process. When VDD reaches a stable level at or above the VDD (min) , the device will require 50μs to complete its self-initialization
process.During the initialization period, CS should remain HIGH.When initialization is complete, the device is ready for normal operation.
≥ 50us
VDD
VDD (min)
0V
Device Initialization
Device for Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com