Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL31X Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL31X
Description  XM 2-stage Low Noise Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL31X Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL31X Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL31X Datasheet HTML 5Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
June 2012
ASL31X
XM 2-stage Low Noise Amplifier
Note: 1. The number and size of ground via holes in a
circuit board is critical for thermal and RF
grounding considerations.
2. We recommend that the ground via holes be
placed on the bottom for better RF and
thermal performance, as shown in the
drawing at the left side.
Outline Drawing
Note: 1. Backside metal paddle is RF and DC ground.
.
Pin No.
Function
Pin No.
Function.
1
1st stage Bias
4
2nd stage RF OUT
2
1st stage RF OUT
5
VDD
3
2nd stage RF IN
6
1st stage RF IN
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
0.80
0.85
0.90
A1
0
0.010
0.030
A3
---
0.20REF
---
b
0.35
0.40
0.45
D
2.95
3.00
3.03
D1
---
2.25BSC
---
E
1.95
2.00
2.03
E1
---
0.65BSC
---
e
---
0.95BSC
---
L
0.275
0.325
0.375
q
-12
---
0
ASL31X
Part No.
ESD Classification
HBM
Class 1A
Voltage Level: 400 V
MM
Class A
Voltage Level: 50 V
CAUTION: ESD-sensitive device!
Moisture Sensitivity Level (MSL)
Level 3 at 260
°C reflow
ESD Classification & Moisture Sensitivity Level
Mounting Recommendation(in mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com